Electronic Components Datasheet Search |
|
JCS18N50FH Marking, JCS18N50FH-R-F-N-B Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD. |
|
JCS18N50FH-R-F-N-B Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD. |
3 / 8 page R JCS18N50FH 版本:201510D 3/8 电特性 ELECTRICAL CHARACTERISTIC 项 目 Parameter 符 号 Symbol 测试条件 Tests conditions 最小 Min 典型 Typ 最 大 Max 单 位 Units 关态特性 Off –Characteristics 漏-源击穿电压 Drain-Source Voltage BVDSS ID=250μA, VGS=0V 500 - - V 击穿电压温度特性 Breakdown Voltage Temperature Coefficient ΔBVDSS /ΔTJ ID=250μA, referenced to 25℃ - 0.5 - V/℃ 零栅压下漏极漏电流 Zero Gate Voltage Drain Current IDSS VDS=500V, VGS=0V, TC=25℃ - - 1 μA VDS=400V, TC=125℃ - - 10 μA 正向栅极体漏电流 Gate-body leakage current, forward IGSSF VDS=0V, VGS =30V - - 100 nA 反向栅极体漏电流 Gate-body leakage current, reverse IGSSR VDS=0V, VGS =-30V - - -100 nA 通态特性 On-Characteristics 阈值电压 Gate Threshold Voltage VGS(th) VDS = VGS , ID=250μA 3.0 - 5.0 V 静态导通电阻 Static Drain-Source On-Resistance RDS(ON) VGS =10V , ID=9.0A - 0.22 0.27 Ω 正向跨导 Forward Transconductance gfs VDS = 40V , ID=9.0A(note 4) - 24 - S 动态特性 Dynamic Characteristics 输入电容 Input capacitance Ciss VDS=25V, VGS =0V, f=1.0MHZ - 2300 2920 pF 输出电容 Output capacitance Coss - 350 450 pF 反向传输电容 Reverse transfer capacitance Crss - 27 43 pF |
Similar Description - JCS18N50FH-R-F-N-B |