Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD50N024-06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUD50N024-06
Description  N-Channel 22-V (D-S) 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N024-06 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD50N024-06 Datasheet HTML 1Page - Vishay Siliconix SUD50N024-06 Datasheet HTML 2Page - Vishay Siliconix SUD50N024-06 Datasheet HTML 3Page - Vishay Siliconix SUD50N024-06 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUD50N024-06P
Vishay Siliconix
New Product
Document Number: 72289
S-31398—Rev. A, 30-Jun-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.002
0.004
0.006
0.008
0.010
0
20406080
100
0
2
4
6
8
10
0
8
16
24
32
40
0
20
40
60
80
100
0
10203040
50
0
500
1000
1500
2000
2500
3000
3500
04
8
12
16
20
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
VDS = 10 V
ID = 50 A
VGS = 10 V
VGS = 4.5 V
Crss
TC = - 55_C
25
_C
125
_C
Ciss
ID - Drain Current (A)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 30 A
TJ = 25_C
TJ = 150_C
0
10
VGS = 6.3 V


Similar Part No. - SUD50N024-06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N024-09P VISHAY-SUD50N024-09P Datasheet
60Kb / 4P
   N-Channel 22-V (D-S) 175C MOSFET
Rev. B, 14-Jun-04
SUD50N024-09P-E3 VISHAY-SUD50N024-09P-E3 Datasheet
60Kb / 4P
   N-Channel 22-V (D-S) 175C MOSFET
Rev. B, 14-Jun-04
logo
VBsemi Electronics Co.,...
SUD50N024-09P-E3 VBSEMI-SUD50N024-09P-E3 Datasheet
916Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUD50N024-06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N024-09P VISHAY-SUD50N024-09P Datasheet
60Kb / 4P
   N-Channel 22-V (D-S) 175C MOSFET
Rev. B, 14-Jun-04
SUM40N02-12P VISHAY-SUM40N02-12P Datasheet
59Kb / 5P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. D, 20-Dec-0
SUR70N02-04P VISHAY-SUR70N02-04P Datasheet
79Kb / 4P
   N-Channel 20-V (D-S) 175C MOSFET
Rev. A, 19-Jan-04
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM110N05-06L VISHAY-SUM110N05-06L Datasheet
59Kb / 5P
   N-Channel 55-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUP90N06-05L VISHAY-SUP90N06-05L Datasheet
59Kb / 5P
   N-Channel 60-V (D-S) 175C MOSFET
Rev. A, 09-Aug-04
SUD40N02-08 VISHAY-SUD40N02-08_09 Datasheet
73Kb / 5P
   N-Channel 20-V (D-S), 175C MOSFET
Rev. B, 18-Aug-03
SUM16N20-125 VISHAY-SUM16N20-125 Datasheet
48Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N06-08 VISHAY-SUP75N06-08 Datasheet
47Kb / 4P
   N-Channel 60-V (D-S), 175C MOSFET
Rev. F, 10-Dec-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com