Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58DAM82A1FT00 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC58DAM82A1FT00
Description  128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58DAM82A1FT00 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC58DAM82A1FT00 Datasheet HTML 1Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 2Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 3Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 4Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 5Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 6Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 7Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 8Page - Toshiba Semiconductor TC58DAM82A1FT00 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TC58DVM72A1FT00/ TC58DVM72F1FT00
TC58DAM72A1FT00/ TC58DAM72F1FT00
2003-01-24
4/34
VALID BLOCKS (1)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NVB
Number of Valid Blocks
1004
1024
Blocks
(1) The device occasionally contains unusable blocks. Refer to Application Note (13) toward the end of this document.
(2) The first block (block address #00) is guaranteed to be a valid block at the time of shipment.
RECOMMENDED DC OPERATING CONDITIONS
TC58DVM72A1xxxx,TC58DVM72F1xxxx
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.3
3.6
V
VCCQ
I/O Port Power Supply Voltage
2.7
3.6
V
VIH
High Level input Voltage
2.0
VCCQ
0.3
V
VIL
Low Level Input Voltage
0.3
*
0.8
V
*
2 V (pulse width lower than 20 ns)
TC58DAM72A1xxxx,TC58DAM72F1xxxx
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
VCC
Power Supply Voltage
2.7
3.3
3.6
V
VCCQ
I/O Port Power Supply Voltage
1.65
1.8
1.95
V
VIH
High Level input Voltage
VCCQ X 0.78
VCCQ
0.3
V
VIL
Low Level Input Voltage
0.3
*
VCCQ X 0.22
V
*
2 V (pulse width lower than 20 ns)
DC CHARACTERISTICS (Ta = 0° to 70°C, VCC
2.7 V to 3.6 V)
SYMBOL
PARAMETER
CONDITION
MIN
TYP.
MAX
UNIT
IIL
Input Leakage Current
VIN
0 V to VCCQ
10
A
ILO
Output Leakage Current
VOUT
0 V to VCCQ
10
A
ICCO1
Operating Current (Serial Read)
CE
VIL, IOUT
0 mA, tcycle
50 ns
10
30
mA
ICCO3
Operating Current
(Command Input)
tcycle
50 ns
10
30
mA
ICCO4
Operating Current (Data Input)
tcycle
50 ns
10
30
mA
ICCO5
Operating Current
(Address Input)
tcycle
50 ns
10
30
mA
ICCO7
Programming Current
10
30
mA
ICCO8
Erasing Current
10
30
mA
ICCS1
Standby Current
CE
VIH, WP
0 V/VCCQ
1
mA
ICCS2
Standby Current
CE
VCCQ
0.2 V, WP
0 V/VCCQ
10
50
A
VOH
High Level Output Voltage
IOH
mA
VCCQ
-0.5
V
VOL
Low Level Output Voltage
IOL
2.1 mA
0.4
V
IOL (
BY
/
RY
)
Output Current of
BY
/
RY
pin
VOL
0.4 V
8
mA


Similar Part No. - TC58DAM82A1FT00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58DVG02A1FT00 TOSHIBA-TC58DVG02A1FT00 Datasheet
453Kb / 44P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58DVG02D5BAI4 TOSHIBA-TC58DVG02D5BAI4 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5BAI6 TOSHIBA-TC58DVG02D5BAI6 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5TA00 TOSHIBA-TC58DVG02D5TA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
TC58DVG02D5TAI0 TOSHIBA-TC58DVG02D5TAI0 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
More results

Similar Description - TC58DAM82A1FT00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
   128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
TC58256AFT TOSHIBA-TC58256AFT Datasheet
345Kb / 33P
   256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
   128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com