Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG2210FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TG2210FT
Description  RF SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TG2210FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TG2210FT Datasheet HTML 1Page - Toshiba Semiconductor TG2210FT Datasheet HTML 2Page - Toshiba Semiconductor TG2210FT Datasheet HTML 3Page - Toshiba Semiconductor TG2210FT Datasheet HTML 4Page - Toshiba Semiconductor TG2210FT Datasheet HTML 5Page - Toshiba Semiconductor TG2210FT Datasheet HTML 6Page - Toshiba Semiconductor TG2210FT Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TG2210FT
2002-07-30
1
TOSHIBA GaAs Linear Integrated Circuit
GaAs Monolithic
TG2210FT
RF SPDT Switch
Switch the receive filter for mobile communication.
Switch the diversity antenna.
Switch the local signal.
Features
· Low insertion Loss: LOSS = 0.4dB (typ.)
· High isolation: ISL = 30dB (typ.)
· Low voltage operation: VC = 0 V/2.5 V
· Small package: TU6 package (2.0 × 1.25 × 0.6 mm)
Pin Connection, Marking (top view)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
VC1
5
V
Control voltage
VC2
5
V
Input power
Pi
1
W
Operating temperature range
Topr
-40~85
°C
Storage temperature range
Tstg
-55~125
°C
Caution
This device is sensitive to electrostatic discharge. When using this device, please ensure that all tools and
equipment are earthed.
Weight: 0.008 g (typ.)
U L
6
4
1
2
3
5
RF2
GND
RF1
VC1
RFcom
VC2


Similar Part No. - TG2210FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2213S TOSHIBA-TG2213S Datasheet
163Kb / 7P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2216TU TOSHIBA-TG2216TU Datasheet
209Kb / 9P
   TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
More results

Similar Description - TG2210FT

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com