Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1203G Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCET1203G
Description  Optocoupler, Phototransistor Output (Single, Dual Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1203G Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TCET1203G Datasheet HTML 2Page - Vishay Siliconix TCET1203G Datasheet HTML 3Page - Vishay Siliconix TCET1203G Datasheet HTML 4Page - Vishay Siliconix TCET1203G Datasheet HTML 5Page - Vishay Siliconix TCET1203G Datasheet HTML 6Page - Vishay Siliconix TCET1203G Datasheet HTML 7Page - Vishay Siliconix TCET1203G Datasheet HTML 8Page - Vishay Siliconix TCET1203G Datasheet HTML 9Page - Vishay Siliconix TCET1203G Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number 83501
Rev. 1.5, 26-Oct-04
TCET1200/ TCET1200G/ TCET2200
Vishay Semiconductors
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 6. Total Power Dissipation vs. Ambient Temperature
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Relative Current Transfer Ratio vs. Ambient
Temperature
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature( °C )
96 11700
Coupled device
Phototransistor
IR-diode
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage(V)
96 11862
–25
0
25
50
0
0.5
1.0
1.5
2.0
Tamb– Ambient Temperature ( °C )
95 11025
75
VCE=5V
IF=5mA
Figure 9. Collector Dark Current vs. Ambient Temperature
Figure 10. Collector Current vs. Forward Current
Figure 11. Collector Current vs. Collector Emitter Voltage
025
50
75
1
10
100
1000
10000
Tamb - Ambient Temperature (
°C)
100
95 11026
VCE =20V
IF =0
0.1
1
10
0.01
0.1
1
100
IF – Forward Current ( mA )
100
95 11027
10
VCE=5V
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage(V)
100
95 10985
IF=50mA
5mA
2mA
1mA
20mA
10mA


Similar Part No. - TCET1203G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCET1203G1 VISHAY-TCET1203G1 Datasheet
224Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 08-eb-01
More results

Similar Description - TCET1203G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com