Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1506AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1506AT
Description  GreenChip SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1506AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1506AT Datasheet HTML 1Page - NXP Semiconductors TEA1506AT Datasheet HTML 2Page - NXP Semiconductors TEA1506AT Datasheet HTML 3Page - NXP Semiconductors TEA1506AT Datasheet HTML 4Page - NXP Semiconductors TEA1506AT Datasheet HTML 5Page - NXP Semiconductors TEA1506AT Datasheet HTML 6Page - NXP Semiconductors TEA1506AT Datasheet HTML 7Page - NXP Semiconductors TEA1506AT Datasheet HTML 8Page - NXP Semiconductors TEA1506AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2003 Sep 09
2
Philips Semiconductors
Product specification
GreenChip
™II SMPS control IC
TEA1506P; TEA1506AP;
TEA1506T; TEA1506AT
FEATURES
Distinctive features
• Universal mains supply operation (70 to 276 V AC)
• High level of integration; giving a low external
component count.
Green features
• Valley or zero voltage switching for minimum switching
losses
• Efficient quasi-resonant operation at high power levels
• Frequency reduction at low power standby for improved
system efficiency (
≤3W)
• Cycle skipping mode at very low loads.
Protection features
• Safe restart mode for system fault conditions
• Continuous mode protection by means of
demagnetization detection (zero switch-on current)
• Accurate and adjustable overvoltage protection (latched
in TEA1506; safe restart in TEA1506A)
• Short winding protection
• Undervoltage protection (foldback during overload)
• Overtemperature protection
• Low and adjustable overcurrent protection trip level
• Soft (re)start.
APPLICATIONS
Besides typical application areas, i.e. TV and monitor
supplies, the device can be used in adapters and chargers
and all applications that demand an efficient and
cost-effective solution up to 150 W. Unlike the other
GreenChip
™II control ICs, the TEA1506 has no internal
high voltage start-up source and needs to be started by
means of an external bleeder resistor.
MDB504
TEA1506P
TEA1506AP
1
2
3
4
8
7
6
5
Fig.1 Basic application diagram.


Similar Part No. - TEA1506AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1501 PHILIPS-TEA1501 Datasheet
116Kb / 20P
   Greeny; GreenChip
1998 Aug 19
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1507 PHILIPS-TEA1507 Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
TEA1507P PHILIPS-TEA1507P Datasheet
114Kb / 20P
   GreenChipII SMPS control IC
2000 Dec 05
More results

Similar Description - TEA1506AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com