Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78P2241 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 78P2241
Description  Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

78P2241 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  78P2241 Datasheet HTML 1Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 2Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 3Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 4Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 5Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 6Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 7Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 8Page - List of Unclassifed Manufacturers 78P2241 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
78P2241
E3/DS3/STS-1
Transceiver
5
PIN DESCRIPTION: The 28-pin PLCC is compatible with 78P7200 (continued)
NAME
PIN
TQFP
PIN
PLCC
TYPE
DESCRIPTION
GND
1,3,4,7,8,12,14,
19,23,24,25,29,
30,31,32,36,41,
43,45,46,47,48
2,4,6,8,22
P
Ground. Connecting all ground pins to a common ground
plane is recommended.
RFO
2
5
-
A resistor to GND sets the operational speed of the chip.
RFO= 5.23K for DS3, RFO=6.81K for E3 and RFO=4.53K
for STS-1.
LF1
26
19
-
Receiver PLL filter capacitor.
ENDEC
27
20
I
Encoder/Decoder: When set low, activates B3ZS/HDB3
ENDEC on receiver and transmitter logic signals.
Note 1: Pin type: I-input; I3-three level logic input; O-output; P-power supply. Advanced Data sheet pin
assignment and functions are subject to change.


Similar Part No. - 78P2241

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
78P2241 PULSE-78P2241 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - 78P2241

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Texas Instruments
SN75LBC773 TI-SN75LBC773 Datasheet
173Kb / 13P
[Old version datasheet]   GEOPORTE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com