Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8615 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8615
Description  Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8615 Datasheet(HTML) 1 Page - Analog Devices

  AD8615 Datasheet HTML 1Page - Analog Devices AD8615 Datasheet HTML 2Page - Analog Devices AD8615 Datasheet HTML 3Page - Analog Devices AD8615 Datasheet HTML 4Page - Analog Devices AD8615 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV. PrA
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its
use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices. Trademarks and registered trademarks are the property
of their respective companies.
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Precision 20 MHz CMOS Rail-to-Rail
Input/Output Operational Amplifiers
Preliminary Technical Data
AD8615/AD8616/AD8618
FEATURES
Low Offset Voltage: 80
µV typ. 300 µV max
Single-Supply Operation: 2.7 to 6 Volts
Low Noise: 8 nV/
√Hz
Wide Bandwidth: 20 MHz
Slew Rate: 12 V/
µs
Low Distortion
No Phase Reversal
Low Input Bias Currents
Unity Gain Stable
APPLICATIONS
Barcode Scanners
Battery Powered Instrumentation
Multi-pole Filters
Sensors
ASIC Input or Output Amplifier
Audio
Photodiode amplification
GENERAL DESCRIPTION
The AD8615, AD8616 and AD8618 are single, dual and quad
rail-to-rail input and output single supply amplifiers featuring
very low offset voltage, wide signal bandwidth, and low input
voltage and current noise. These amplifiers use a patented
trimming technique that achieves superior precision without
laser trimming. All are fully specified to operate from +3V to
+5V single supply.
The combination of low offsets, low noise, very low input bias
currents, and high speed make these amplifiers useful in a wide
variety of applications. Filters, integrators, photo-diode
amplifiers and high impedance sensors all benefit from the
combination of performance features. Audio and other AC
applications benefit from the wide bandwidth and low
distortion.
Applications for these amplifiers include Portable and loop-
powered instrumentation, audio amplification for portable
devices, portable phone headsets, bar code scanners, and
multi-pole filters. The ability to swing rail-to-rail at both the
input and output enables designers to buffer CMOS ADCs,
DACs, ASICs and other wide output swing devices in single
supply systems.
The AD8615, AD8616 and AD8618 are specified over the
extended industrial (-40° to +125°C) temperature range. The
AD8615, single, is available in the tiny 5-lead SOT-23
package. The AD8616, dual, is available in the 8-lead micro-
SOIC and narrow SOIC surface mount packages. The
AD8618, quad, is available in 14-lead TSSOP and narrow 14-
pin SOIC packages.
SOT, MSOP and TSSOP versions are available in tape and
reel only.
PIN CONFIGURATIONS
5-Lead SOT
(RJ-5)
8-Lead MSOP
(RM-8)
8-Lead SO
(R-8)
14-Lead TSSOP
(RU-14)
14-Lead SO
(R-14)
AD8615
AD8616
AD8616
AD8618
AD8618


Similar Part No. - AD8615

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8615AUJZ-R2 AD-AD8615AUJZ-R2 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615AUJZ-R21 AD-AD8615AUJZ-R21 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615AUJZ-REEL AD-AD8615AUJZ-REEL Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
More results

Similar Description - AD8615

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8616 AD-AD8616 Datasheet
495Kb / 16P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. A
AD8616ARMZ AD-AD8616ARMZ Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8615 AD-AD8615_08 Datasheet
442Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
List of Unclassifed Man...
TSV994AIYPT ETC2-TSV994AIYPT Datasheet
989Kb / 25P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
STMicroelectronics
TSV991 STMICROELECTRONICS-TSV991_08 Datasheet
515Kb / 18P
   Rail-to-rail input/output 20 MHz GBP operational amplifiers
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com