Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM893CBK32-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM893CBK32-70
Description  DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM893CBK32-70 Datasheet(HTML) 1 Page - Texas Instruments

  TM893CBK32-70 Datasheet HTML 1Page - Texas Instruments TM893CBK32-70 Datasheet HTML 2Page - Texas Instruments TM893CBK32-70 Datasheet HTML 3Page - Texas Instruments TM893CBK32-70 Datasheet HTML 4Page - Texas Instruments TM893CBK32-70 Datasheet HTML 5Page - Texas Instruments TM893CBK32-70 Datasheet HTML 6Page - Texas Instruments TM893CBK32-70 Datasheet HTML 7Page - Texas Instruments TM893CBK32-70 Datasheet HTML 8Page - Texas Instruments TM893CBK32-70 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TM893CBK32, TM893CBK32S
8388608 BY 32-BIT
DYNAMIC RAM MODULE
SMMS652A – FEBRUARY 1995 – REVISED JUNE 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
TM893CBK32 ...8 388 608
× 32 Bit
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin, Leadless Single In-Line Memory
Module ( SIMM ) for Use With Sockets
D TM893CBK32 – Utilizes Sixteen 16-Megabit
Dynamic RAMs in Plastic Small-Outline
J-Lead ( SOJ ) Packages
D Long Refresh Period
32 ms (2048 Cycles)
D All Inputs, Outputs, Clocks Fully TTL
Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines in Four Blocks
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
D Presence Detect
D Performance Ranges:
ACCESS
ACCESS ACCESS READ
TIME
TIME
TIME
OR
tRAC
tAA
tCAC
WRITE
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’893CBK32-60
60 ns
30 ns
15 ns
110 ns
’893CBK32-70
70 ns
35 ns
18 ns
130 ns
’893CBK32-80
80 ns
40 ns
20 ns
150 ns
D Low Power Dissipation
D Operating Free-Air-Temperature Range
0
°C to 70°C
D Gold-Tabbed Versions Available:
TM893CBK32
D Tin-Lead (Solder) Tabbed Versions
Available:
TM893CBK32S
description
The TM893CBK32 is a 32-megabyte, dynamic random-access memory organized as four times 8 388 608
× 8
bits in a 72-pin, leadless single in-line memory module ( SIMM ). The SIMM is composed of 16 TMS417400DJ,
4 194 304
× 4-bit dynamic RAMs, each in 24/26-lead plastic small-outline J-lead (SOJ) packages mounted on
a substrate with decoupling capacitors. The TMS417400DJ is described in the TMS417400 data sheet. The
TM893CBK32 SIMM is available in the double-sided BK leadless module for use with sockets.
operation
The TM893CBK32 operates as sixteen TMS417400DJs connected as shown in the functional block diagram
and Table 1. The common I / O feature dictates the use of early-write cycles to prevent contention on D and Q.
refresh
The refresh period is extended to 32 ms, and during this period each of the 2048 rows must be strobed with RAS
to retain data. To conserve power, CAS can remain high during the refresh sequence.
power up
To achieve proper operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles is
required after full VCC level is achieved. These eight initialization cycles must include at least one refresh
( RAS-only or CBR ) cycle.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1995, Texas Instruments Incorporated
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.


Similar Part No. - TM893CBK32-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893CBK32H TI1-TM893CBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM893CBK32H-60 TI1-TM893CBK32H-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM893CBK32I TI1-TM893CBK32I Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM893CBK32I-60 TI1-TM893CBK32I-60 Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM893CBK32-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com