Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC1019C-PCB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EC1019C-PCB
Description  InGaP HBT Gain Block
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EC1019C-PCB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EC1019C-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 5Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 6Page - List of Unclassifed Manufacturers EC1019C-PCB Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
December 2004
EC1019
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Typical Device S-Parameters – EC1019B/EC1019B-G
S-Parameters (Vdevice = +5 V, ICC = 70 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-38.22
-0.60
21.22
176.90
-23.21
0.43
-24.92
-6.19
500
-28.54
-69.70
20.70
151.10
-22.91
1.81
-20.21
-75.88
1000
-23.03
-116.73
19.85
125.62
-22.19
1.88
-15.95
-118.31
1500
-19.80
-149.18
18.77
102.16
-21.39
-0.54
-13.31
-148.47
2000
-16.95
-175.69
17.78
81.09
-20.49
-4.57
-11.44
-173.35
2500
-14.97
161.78
16.64
60.78
-19.66
-10.52
-10.17
164.24
3000
-13.14
141.18
15.54
42.33
-18.91
-17.61
-8.90
144.05
3500
-11.43
120.25
14.52
24.29
-18.40
-26.33
-7.88
125.10
4000
-9.78
100.23
13.50
6.80
-17.96
-35.09
-6.74
107.67
4500
-8.16
82.20
12.43
-10.58
-17.71
-44.95
-5.73
90.92
5000
-6.60
65.82
11.31
-27.02
-17.58
-54.92
-4.75
76.11
5500
-5.40
50.97
10.10
-42.90
-17.72
-64.25
-3.97
61.95
6000
-4.36
38.35
8.93
-58.04
-17.94
-73.51
-3.35
49.09
Typical Device S-Parameters – EC1019C
S-Parameters (Vdevice = +5, ICC = 70 mA, T = 25 C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-17.33
-1.31
20.43
177.50
-22.79
-0.64
-14.48
-3.98
500
-17.25
-10.41
19.97
155.09
-22.66
4.13
-14.68
-34.98
1000
-17.56
-23.16
19.18
132.71
-22.29
7.47
-14.89
-66.22
1500
-18.41
-38.16
18.15
112.72
-21.69
9.85
-15.11
-93.82
2000
-19.28
-59.40
17.14
94.96
-20.89
10.97
-15.17
-120.65
2500
-20.21
-85.13
16.08
78.76
-20.18
10.33
-15.08
-144.97
3000
-20.40
-116.07
15.09
64.36
-19.45
8.87
-14.49
-168.42
3500
-19.31
-148.51
14.19
50.13
-18.76
5.64
-13.50
169.49
4000
-17.60
-175.60
13.37
36.77
-18.13
1.90
-12.22
151.45
4500
-15.46
161.94
12.54
23.49
-17.57
-2.80
-10.85
136.31
5000
-13.33
142.40
11.78
10.37
-17.10
-8.33
-9.46
123.24
5500
-11.61
126.05
10.94
-2.97
-16.77
-14.35
-8.31
111.67
6000
-9.93
111.47
10.05
-15.41
-16.55
-20.52
-7.23
100.94
Device S-parameters are available for download off of the website at: http://www.wj.com


Similar Part No. - EC1019C-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
EC1019C-PCB WJCI-EC1019C-PCB Datasheet
166Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - EC1019C-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com