Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS203X Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS203X
Description  USB POWER DISTRIBUTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS203X Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS203X Datasheet HTML 3Page - Texas Instruments TPS203X Datasheet HTML 4Page - Texas Instruments TPS203X Datasheet HTML 5Page - Texas Instruments TPS203X Datasheet HTML 6Page - Texas Instruments TPS203X Datasheet HTML 7Page - Texas Instruments TPS203X Datasheet HTML 8Page - Texas Instruments TPS203X Datasheet HTML 9Page - Texas Instruments TPS203X Datasheet HTML 10Page - Texas Instruments TPS203X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Definitions
3
TPS202x/3x and TPS204x/5x USB Power Distribution
Definitions
Bus-powered hub – Bus-powered hubs (BPH) obtain all power from
upstream ports and often contain a nonremovable function. One typical BPH
application is a keyboard. The total current drawn by a BPH is the sum of the
hub controller current, nonremovable function, and downstream port and is
no greater than 500 mA or 5 unit loads. Each port must distribute 1 unit load.
Current limit – USB specification requires SPHs to limit current to
downstream ports and report over-current conditions to the controller.
Downstream port – A port that is electrically further from the host and
generates downstream data traffic from the hub.
Dynamic attach and detach – To attach or remove devices while host is in
operation (hot-plug, unplug event).
High-power, bus-powered function – All power to these devices comes
from the upstream port. Its current draw can be 1 unit load before
configuration and up to 5 unit loads after configuration.
Host – The host computer system where the USB host controller is installed.
Inrush current – The current surge into uncharged downstream input
capacitors.
Low-power, bus-powered function – All power to these devices comes
from the upstream port. Its current draw is less than 1 unit load.
Power Switching – USB specification requires BPHs to power switch
downstream ports to limit aggregate current draw of the controller, function,
and ports to less than 100 mA before enumeration.
Self-powered function – May draw up to 1 unit load from the upstream port.
The remainder of power is provided from a local power supply.
Self-powered hub – Self-powered hubs (SPH) have a local power supply
that power nonremovable functions and the downstream ports. Typical
self-powered hubs are PCs, monitors, printers, and stand alone hubs. The
SPH is required to have current limit and report overcurrent conditions. The
SPH must be able to supply 5 unit loads to all external downstream ports even
when the hub is in a suspended state. A battery-powered SPH may configure
for 1 unit load or 5 unit loads of output current per port.
Unit load – One unit load is 100 mA.
Upstream port – The port on a device that is electrically closer to the host
and generates upstream data traffic from the hub.
USB – Universal Serial Bus
Voltage droop – The momentary drop in voltage under transient load
conditions.
Voltage regulation – The difference in DC voltage levels under continuous
load and no-load conditions.


Similar Part No. - TPS203X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS203X TI-TPS203X Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS203X

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3518 ANPEC-APL3518 Datasheet
321Kb / 21P
   USB Power-Distribution Switches
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
logo
Anpec Electronics Corop...
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
logo
First Silicon Co., Ltd
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
logo
Anpec Electronics Corop...
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
   HotSwitch??USB Power Distribution Switch
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com