Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2332 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2332
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2332 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  INA2332 Datasheet HTML 1Page - Burr-Brown (TI) INA2332 Datasheet HTML 2Page - Burr-Brown (TI) INA2332 Datasheet HTML 3Page - Burr-Brown (TI) INA2332 Datasheet HTML 4Page - Burr-Brown (TI) INA2332 Datasheet HTML 5Page - Burr-Brown (TI) INA2332 Datasheet HTML 6Page - Burr-Brown (TI) INA2332 Datasheet HTML 7Page - Burr-Brown (TI) INA2332 Datasheet HTML 8Page - Burr-Brown (TI) INA2332 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
INA332, INA2332
4
SBOS216A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 5V, VCM = VS /2, RL = 10kΩ, and CL = 100pF, unless otherwise noted.
GAIN vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
80
70
60
50
40
30
20
10
0
–10
–20
Gain = 500
Gain = 100
Gain = 25
Gain = 5
COMMON-MODE REJECTION RATIO
vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
120
100
80
60
40
20
0
POWER-SUPPLY REJECTION RATIO
vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
100
90
80
70
60
50
40
30
20
10
0
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100
Frequency (Hz)
1k
10k
100k
1M
10M
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 5.0V
V
S = 2.7V
NOISE vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
10k
1k
100
10
100
10
1
0.1
0.1Hz TO 10Hz VOLTAGE NOISE
1s/div


Similar Part No. - INA2332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2332 TI1-INA2332 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWR TI1-INA2332AIPWR Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWT TI1-INA2332AIPWT Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWTG4 TI1-INA2332AIPWTG4 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA2332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com