Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2332 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2332
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2332 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA2332 Datasheet HTML 6Page - Burr-Brown (TI) INA2332 Datasheet HTML 7Page - Burr-Brown (TI) INA2332 Datasheet HTML 8Page - Burr-Brown (TI) INA2332 Datasheet HTML 9Page - Burr-Brown (TI) INA2332 Datasheet HTML 10Page - Burr-Brown (TI) INA2332 Datasheet HTML 11Page - Burr-Brown (TI) INA2332 Datasheet HTML 12Page - Burr-Brown (TI) INA2332 Datasheet HTML 13Page - Burr-Brown (TI) INA2332 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INA332, INA2332
10
SBOS216A
www.ti.com
SETTING THE GAIN
The ratio of R2 to R1, or the impedance between pins 1, 5,
and 6, determines the gain of the INA332. With an internally
set gain of 5, the INA332 can be programmed for gains
greater than 5 according to the following equation:
G = 5 + 5 (R2/R1)
The INA332 is designed to provide accurate gain, with gain
error less than 0.4%. Setting gain with matching TC resistors
will minimize gain drift. Errors from external resistors will add
directly to the error, and may become dominant error sources.
COMMON-MODE INPUT RANGE
The upper limit of the common-mode input range is set by the
common-mode input range of the second amplifier, A2, to
1.2V below positive supply. Under most conditions, the
amplifier operates beyond this point with reduced perfor-
mance. The lower limit of the input range is bounded by the
output swing of amplifier A1, and is a function of the refer-
ence voltage according to the following equation:
VOA1 = 5/4 VCM – 1/4 VREF
(See typical characteristic “Common-Mode Input Range vs
Reference Voltage”).
REFERENCE
The reference terminal defines the zero output voltage level.
In setting the reference voltage, the common mode input of
A3 should be considered according to the following equation:
VOA2 = VREF + 5 (VIN+ – VIN–)
For ensured operation, VOA2 should be less than VDD – 1.2V.
The reference pin requires a low-impedance connection. As
little as 160
Ω in series with the reference pin will degrade the
CMRR to 50dB. The reference pin may be used to compen-
sate for the offset voltage (see Offset Trimming section). The
reference voltage level also influences the common-mode
input range (see Common-Mode Input Range section).
INPUT BIAS CURRENT RETURN
With a high input impedance of 1013
Ω, the INA332 is ideal for
use with high-impedance sources. The input bias current of
less than 10pA makes the INA332 nearly independent of
input impedance and ideal for low-power applications.
For proper operation, a path must be provided for input bias
currents for both inputs. Without input bias current paths, the
inputs will “float” to a potential that exceeds common-mode
range and the input amplifier will saturate. Figure 3 shows
FIGURE 3. Providing an Input Common-Mode Path.
how bias current path can be provided in the cases of
microphone applications, thermistor applications, ground re-
turns, and dc-coupled resistive bridge applications.
When differential source impedance is low, the bias current
return path can be connected to one input. With higher
source impedance, two equal resistors will provide a bal-
anced input. The advantages are lower input offset voltage
due to bias current flowing through the source impedance
and better high-frequency gain.
47k
Microphone,
Hydrophone,
etc.
Center-tap
provides bias
current return
Bridge resistance
provides bias
current return
Transformer
Bridge
Amplifier
Bridge
Sensor
V
B
(1)
V
B
(1)
V
EX
NOTE: (1) V
B is bias voltage within
common-mode range, dependent
on REF.
INA332
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN
V–
V
IN+
REF
INA332
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN
V–
V
IN+
REF
INA332
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN
V–
V
IN+
REF
V
OUT
RG
V
OUT
RG
V
OUT
RG


Similar Part No. - INA2332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2332 TI1-INA2332 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWR TI1-INA2332AIPWR Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWT TI1-INA2332AIPWT Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWTG4 TI1-INA2332AIPWTG4 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA2332

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com