Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1016V1C Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K6R1016V1C
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K6R1016V1C Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C Datasheet HTML 9Page - Samsung semiconductor K6R1016V1C Datasheet HTML 10Page - Samsung semiconductor K6R1016V1C Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 11
October 2000
for AT&T
PACKAGE OUTLINE
(Units : millimeter)
6
5
4
3
2
1
A
B
C
D
E
F
G
H
B/2
B
B
Bottom View
Top View
D
C
Side View
A
Y
Detail A
Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
6.90
7.00
7.10
C1
-
5.25
-
D
0.30
0.35
0.40
E
-
1.05
1.20
E1
-
0.80
-
E2
0.20
0.25
0.30
Y
-
-
0.08
0.50
0.50
B1
#A1
A1 INDEX MARK
Notes.
1. Bump counts: 48(8row x 6column)
2. Bump pitch: (x,y)=(0.75 x 0.75)(typ.)
3. All tolerance are +/-0.050 unless
otherwise specified.
4. Typ: Typical
5. Y is coplanarity: 0.08(Max)


Similar Part No. - K6R1016V1C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08/10 SAMSUNG-K6R1016V1D-EC08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC10 SAMSUNG-K6R1016V1D-EC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1016V1C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com