Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2332AIPWT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA2332AIPWT
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA2332AIPWT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA2332AIPWT Datasheet HTML 7Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 8Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 9Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 10Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 11Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 12Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 13Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 14Page - Burr-Brown (TI) INA2332AIPWT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
INA332, INA2332
11
SBOS216A
www.ti.com
SHUTDOWN MODE
The shutdown pin of the INA332 is nominally connected to V+.
When the pin is pulled below 0.8V on a 5V supply, the INA332
goes into sleep mode within nanoseconds. For actual shut-
down threshold, see typical characteristic “Shutdown Voltage
vs Supply Voltage”. Drawing less than 2
µA of current, and
returning from sleep mode in microseconds, the shutdown
feature is useful for portable applications. Once in ‘sleep-
mode’ the amplifier has high output impedance, making the
INA332 suitable for multiplexing.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output for gains of 10 or greater.
For resistive loads greater than 10k
Ω, the output voltage can
swing to within 25mV of the supply rail while maintaining low
gain error. For heavier loads and over temperature, see the
typical characteristic “Output Voltage Swing vs Output Cur-
rent.” The INA332’s low output impedance at high frequencies
makes it suitable for directly driving Capacitive-Input A/D
converters, as shown in Figure 4.
FIGURE 4. INA332 Directly Drives Capacitive-Input, High-
Speed A/D Converter.
OUTPUT BUFFERING
The INA332 is optimized for a load impedance of 10k
Ω or
greater. For higher output current the INA332 can be buff-
ered using the OPA340, as shown in Figure 5. The OPA340
can swing within 50mV of the supply rail, driving a 600
Ω load.
The OPA340 is available in the tiny MSOP-8 package.
OFFSET TRIMMING
The INA332 is laser trimmed for low offset voltage. In the
event that external offset adjustment is required, the offset
can be adjusted by applying a correction voltage to the
reference terminal. Figure 6 shows an optional circuit for
trimming offset voltage. The voltage applied to the REF
terminal is added to the output signal. The gain from REF to
VOUT is +1. An op amp buffer is used to provide low
impedance at the REF terminal to preserve good common-
mode rejection.
FIGURE 7. Sample Output Buffering Circuit.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
500mV. Momentary voltages greater than 500mV beyond
the power supply can be tolerated if the current through the
input pins is limited to 10mA. This is easily accomplished with
input resistor RLIM, as shown in Figure 7. Many input signals
are inherently current-limited to less than 10mA, therefore, a
limiting resistor is not required.
FIGURE 5. Output Buffering Circuit. Able to drive loads as
low as 600
Ω.
FIGURE 6. Optional Offset Trimming Voltage.
ADS7818
or
ADS7822
12-Bits
+5V
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF
f
S < 100kHz
OPA340
V
OUT
+5V
0.1
µF
0.1
µF
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF
OPA336
Adjustable
Voltage
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF(1)
NOTE: (1) REF should be adjusted for the desired output level.
The value of REF affects the common-mode input range.
R
LIM
R
LIM
I
OVERLOAD
10mA max
INA332
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN
V–
V
IN+
REF


Similar Part No. - INA2332AIPWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2332AIPWT TI1-INA2332AIPWT Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA2332AIPWTG4 TI1-INA2332AIPWTG4 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA2332AIPWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com