Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1016V1C-C10 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6R1016V1C-C10
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1016V1C-C10 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K6R1016V1C-C10 Datasheet HTML 3Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 4Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 5Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 6Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 7Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 8Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 9Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 10Page - Samsung semiconductor K6R1016V1C-C10 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
K6R1016V1C-C/C-L, K6R1016V1C-I/C-P
CMOS SRAM
Revision 3.3
- 9 -
October 2000
for AT&T
DATA RETENTION CHARACTERISTICS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
Data Retention Characteristic is for L-ver only.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCC for Data Retention
VDR
CS
≥VCC-0.2V
2.0
-
3.6
V
Data Retention Current
IDR
VCC=3.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.4
mA
VCC=2.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.3
Data Retention Set-Up Time
tSDR
See Data Retention
Wave form(below)
0
-
-
ns
Recovery Time
tRDR
5
-
-
ms
DATA RETENTION WAVE FORM
CS controlled
VCC
3.0V
VIH
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR


Similar Part No. - K6R1016V1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1016V1D-EC08 SAMSUNG-K6R1016V1D-EC08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC08/10 SAMSUNG-K6R1016V1D-EC08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D-EC10 SAMSUNG-K6R1016V1D-EC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1016V1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com