Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP460 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # KP460
Description  Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KP460 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button KP460 Datasheet HTML 3Page - Vishay Siliconix KP460 Datasheet HTML 4Page - Vishay Siliconix KP460 Datasheet HTML 5Page - Vishay Siliconix KP460 Datasheet HTML 6Page - Vishay Siliconix KP460 Datasheet HTML 7Page - Vishay Siliconix KP460 Datasheet HTML 8Page - Vishay Siliconix KP460 Datasheet HTML 9Page - Vishay Siliconix KP460 Datasheet HTML 10Page - Vishay Siliconix KP460 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 28129
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 25-Aug-03
7
KP 460 to 464
Polypropylene Film Foil Capacitors
KP Axial Epoxy Lacquered Type
Vishay BCcomponents
URdc = 400 V; URac = 160 V
Available on request
C
(E 24)
(pF)
DIMENSIONS
dmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 463 ..... AND PACKAGING
TAPED ON REEL
LOOSE
IN BOX
UNIDIRECTIONAL
TAPE DISTANCE 63.5 mm
C-tol
= ±2%
C-tol
= ±1%
C-tol
= ±2%
C-tol
= ±1%
last 5 digits of
catalog number
SPQ
SPQ
last 5 digits of
catalog number
SPQ
lt = 30.0 mm; dt = 0.60 ±0.06 mm
620
5.0
× 11.0
0.5
76201
86201
2500
250
06201
16201
1000
680
0.5
76801
86801
06801
16801
750
0.5
77501
87501
07501
17501
820
0.5
78201
88201
08201
18201
910
0.5
79101
89101
09101
19101
1000
0.5
71002
81002
01002
11002
1100
0.5
71102
81102
01102
11102
lt = 28.0 mm; dt = 0.60 ±0.06 mm
1200
6.0
× 15.0
0.5
71202
81202
1500
250
1 300
0.5
71302
81302
1500
0.5
71502
81502
1600
0.5
71602
81602
1800
0.5
71802
81802
2000
0.5
72002
82002
2200
6.5
× 15.0
0.5
72202
82202
1500
250
2400
0.5
72402
82402
2700
0.6
72702
82702
3000
0.7
73002
83002
3300
7.0
× 15.0
0.7
73302
83302
1000
200
3600
0.7
73602
83602
3900
0.8
73902
83902
4300
7.5
× 15.0
0.8
74302
84302
1000
150
4700
0.9
74702
84702
5100
0.9
75102
85102
5600
8.0
× 15.0
1.0
75602
85602
1000
150
6200
1.0
76202
86202
6800
8.5
× 15.0
1.1
76802
86802
1000
125
7500
1.2
77502
87502
8200
1.3
78202
88202
PACKAGING
TAPE DISTANCE (mm)
Taped in ammopack
52.5
63.5
Taped on reel
52.5


Similar Part No. - KP460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
Shenzhen Luguang Electr...
KP4600A LUGUANG-KP4600A Datasheet
3Mb / 4P
   Phase control thyristor
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
More results

Similar Description - KP460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
MKP479 VISHAY-MKP479 Datasheet
450Kb / 24P
   AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Revision: 21-Nov-05
logo
Vaishali Semiconductor
KT347 VAISH-KT347 Datasheet
118Kb / 5P
   Polyester Film Capacitors KT Radial Epoxy Lacquered Type
logo
Vishay Siliconix
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
logo
Kemet Corporation
A72EF1470AA00J KEMET-A72EF1470AA00J Datasheet
668Kb / 14P
   A72, Polypropylene Film/Foil, Axial
9/28/2021
logo
Vishay Siliconix
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com