Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6233Q Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMA6233Q
Description  10g Dual Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA6233Q Datasheet(HTML) 3 Page - Motorola, Inc

  MMA6233Q Datasheet HTML 1Page - Motorola, Inc MMA6233Q Datasheet HTML 2Page - Motorola, Inc MMA6233Q Datasheet HTML 3Page - Motorola, Inc MMA6233Q Datasheet HTML 4Page - Motorola, Inc MMA6233Q Datasheet HTML 5Page - Motorola, Inc MMA6233Q Datasheet HTML 6Page - Motorola, Inc MMA6233Q Datasheet HTML 7Page - Motorola, Inc MMA6233Q Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Motorola Sensor Device Data
MMA6200 Series
3
Operating Characteristics
Unless otherwise noted: -20°C < TA < 85°C, 3.0 V < VDD < 3.6 V, Acceleration = 0g, Loaded output1
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range2
Supply Voltage3
VDD
2.7
3.3
3.6
V
Supply Current
MMA6231Q
IDD
—1.2
1.5
mA
MMA6233Q
IDD
—2.2
3.0
mA
Operating Temperature Range
TA
-20
+85
°C
Acceleration Range
gFS
—10
g
Output Signal
Zero g (TA = 25°C, VDD = 3.3 V)4
VOFF
1.485
1.65
1.815
V
Zero g
VOFF, TA
—2.0
mg/°C
Sensitivity (TA = 25°C, VDD = 3.3 V)
S
111
120
129
mV/g
Sensitivity
S, TA
0.015
%/°C
Bandwidth Response
MMA6231Q
f_3dB
300
Hz
MMA6233Q
f_3dB
900
Hz
Nonlinearity
NLOUT
-1.0
+1.0
% FSO
Noise
MMA6231Q RMS (0.1 Hz – 1 kHz)
nRMS
—0.7
mVrms
MMA6233Q RMS (0.1 Hz – 1 kHz)
nRMS
—0.6
Power Spectral Density RMS (0.1 Hz – 1 kHz)
MMA6231Q
nPSD
50
ug/
√Hz
MMA6233Q
nPSD
—30
Self-Test
Output Response
gST
2.0
g
Input Low
VIL
0.3 VDD
V
Input High
VIH
0.7 VDD
—VDD
V
Pull-Down Resistance5
RPO
43
57
71
k
Response Time6
tST
—2.0
ms
Output Stage Performance
Full-Scale Output Range (IOUT = 200 µA)
VFSO
VSS +0.25
VDD -0.25
V
Capacitive Load Drive7
CL
100
pF
Output Impedance
ZO
50
300
Power-Up Response Time
MMA6231Q
tRESPONSE
—2.0
ms
MMA6233Q
tRESPONSE
—0.7
ms
Mechanical Characteristics
Transverse Sensitivity8
VZX, YX, ZY
-5.0
+5.0
% FSO
NOTES:
1.
For a loaded output, the measurements are observed after an RC filter consisting of a 1.0 k
Ω resistor and a 0.1 µF capacitor to ground.
2.
These limits define the range of operation for which the part will meet specification.
3.
Within the supply range of 2.7 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4.
The device can measure both + and - acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
5.
The digital input pin has an internal pull-down resistance to prevent inadvertent self-test initiation due to external board level leakages.
6.
Time for the output to reach 90% of its final value after a self-test is initiate.
7.
Preserves phase margin (60°) to guarantee output amplifier stability.
8.
A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA6233Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6233Q FREESCALE-MMA6233Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6233Q NXP-MMA6233Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6233QR2 FREESCALE-MMA6233QR2 Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6233QR2 NXP-MMA6233QR2 Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
More results

Similar Description - MMA6233Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com