Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6231QR2 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMA6231QR2
Description  10g Dual Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA6231QR2 Datasheet(HTML) 2 Page - Motorola, Inc

  MMA6231QR2 Datasheet HTML 1Page - Motorola, Inc MMA6231QR2 Datasheet HTML 2Page - Motorola, Inc MMA6231QR2 Datasheet HTML 3Page - Motorola, Inc MMA6231QR2 Datasheet HTML 4Page - Motorola, Inc MMA6231QR2 Datasheet HTML 5Page - Motorola, Inc MMA6231QR2 Datasheet HTML 6Page - Motorola, Inc MMA6231QR2 Datasheet HTML 7Page - Motorola, Inc MMA6231QR2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMA6200 Series
Motorola Sensor Device Data
2
Figure 1. Simplified Accelerometer Functional Block Diagram
MAXIMUM RATINGS (Maximum ratings are the limits to which the device can be exposed without causing permanent damage.)
ELECTRO STATIC DISCHARGE (ESD)
WARNING: This device is sensitive to electrostatic
discharge.
Although the Motorola accelerometers contain internal
2000 V ESD protection circuitry, extra precaution must be
taken by the user to protect the chip from ESD. A charge
of over 2000 volts can accumulate on the human body or
associated test equipment. A charge of this magnitude
can alter the performance or cause failure of the chip.
When handling the accelerometer, proper ESD precau-
tions should be followed to avoid exposing the device to
discharges which may be detrimental to its performance.
Rating
Symbol
Value
Unit
Maximum Acceleration (all axis)
gmax
±2000
g
Supply Voltage
VDD
-0.3 to +3.6
V
Drop Test1
1. Dropped onto concrete surface from any axis
Ddrop
1.2
m
Storage Temperature Range
Tstg
-40 to +125
°C
NOTE:
Y-GAIN
G-CELL
SENSOR
X-INTEGRATOR
X-GAIN
X-FILTER
X-TEMP
COMP
SELF-TEST
CONTROL LOGIC &
EEPROM TRIM CIRCUITS
CLOCK GEN
OSCILLATOR
VDD
XOUT
VSS
ST
Y-INTEGRATOR
Y-FILTER
Y-TEMP
COMP
YOUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MMA6231QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6231QR2 FREESCALE-MMA6231QR2 Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231QR2 NXP-MMA6231QR2 Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
More results

Similar Description - MMA6231QR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com