Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM66P Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM66P
Description  16-Bit CMOS Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM66P Datasheet(HTML) 6 Page - Burr-Brown (TI)

  PCM66P Datasheet HTML 1Page - Burr-Brown (TI) PCM66P Datasheet HTML 2Page - Burr-Brown (TI) PCM66P Datasheet HTML 3Page - Burr-Brown (TI) PCM66P Datasheet HTML 4Page - Burr-Brown (TI) PCM66P Datasheet HTML 5Page - Burr-Brown (TI) PCM66P Datasheet HTML 6Page - Burr-Brown (TI) PCM66P Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
®
PCM66P
DIGITAL INPUT
ANALOG OUTPUT
Binary Two’s
Voltage (V)
Complement (Hex)
DAC Output (V)
V
OUT Mode
7FFF
+FS
+3.5629443
0000
BPZ
+2.1629871
8000
–FS
+0.7630299
2E5B
V
COM
+2.6700000
DISCUSSION OF
SPECIFICATIONS
TOTAL HARMONIC DISTORTION + NOISE
The key specification for the PCM66P is total harmonic
distortion plus noise. Digital data words are read into the
PCM66P at four times the standard audio sampling fre-
quency of 44.1kHz or 176.4kHz for each channel, such that
a sine wave output of 991Hz is realized. For production
testing, the output of the DAC goes to a programmable gain
amplifier to provide gain at lower signal output test levels
and then through a 20kHz low pass filter before being fed
into an analog type distortion analyzer. Figure 4 shows a
block diagram of the production THD + N test setup.
In terms of signal measurement, THD + N is the ratio of
Distortion
RMS + NoiseRMS/SignalRMS expressed in dB. For the
PCM66P, THD + N is 100% tested at three different output
levels using the test setup shown in Figure 4. It is significant
to note that this circuit does not include any output deglitching
circuitry. This means the PCM66P meets even its –60dB
THD + N specification without use of external deglitchers.
ABSOLUTE LINEARITY
Even though absolute integral and differential linearity specs
are not given for the PCM66P, the extremely low THD + N
performance is typically indicative of 14-bit to 15-bit inte-
gral linearity in the DAC depending on the grade specified.
The relationship between THD + N and linearity, however,
is not such that an absolute linearity specification for every
individual output code can be guaranteed.
IDLE CHANNEL SNR
Another appropriate spec for a digital audio converter is idle
channel signal-to-noise ratio (idle channel SNR). This is the
ratio of the noise on either DAC output at bipolar zero in
relation to the full scale range of the DAC. The output of the
DAC is band limited from 20Hz to 20kHz and an A-
weighted filter is applied to make this measurement.
OFFSET, GAIN, AND TEMPERATURE DRIFT
The PCM66P is specified for other important parameters
such as channel separation and gain mismatch between
output channels. And although the PCM66P is primarily
meant for use in dynamic applications, typical specs are also
given for more traditional DC parameters such as gain error,
bipolar zero offset error, and temperature gain drift.
TIMING CONSIDERATIONS
The data format of the PCM66P is binary two’s complement
(BTC) with the most significant bit (MSB) being first in the
serial input bit stream. Table II describes the exact input data
to voltage output coding relationship. Any number of bits
can precede the 16 bits to be loaded, as only the last 16 will
be transferred to the parallel DAC register on the first
positive edge of CLK (clock input) after WDCLK (word
clock) has gone low. All inputs to the PCM66P are TTL
level compatible.
FIGURE 4. THD + N Test Setup Diagram.
TABLE II. PCM66P Input/Output Relationships.
Distortion Meter
Use 400Hz High-Pass
Filter and 30kHz
Low-Pass Filter
Meter Settings
(Shiba Soku Model
725 or Equivalent)
Programmable
Gain Amp
0dB to 60dB
Low-Pass
Filter
(Toko APQ-25
or Equivalent)
DUT
(PCM60P/66P)
Parallel-to-Serial
Conversion
Digital Code
(EPROM)
Binary
Counter
Timing
Logic
Clock
Latch Enable
Sampling Rate = 44.1kHz x 4 (176.4kHz)
Output Frequency = 991Hz
LOW-PASS FILTER
CHARACTERISTIC
0
–20
–40
–60
–80
–100
–120
Frequency (Hz)
1
1010101010
12
3
4
5
(PCM66P)


Similar Part No. - PCM66P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020-Q1 TI-PCM6020-Q1 Datasheet
5Mb / 164P
[Old version datasheet]   PCM6480-Q1 Automotive, 8-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
PCM6020QRTVRQ1 TI-PCM6020QRTVRQ1 Datasheet
5Mb / 131P
[Old version datasheet]   PCM6020-Q1 Automotive, 2-Channel, 768-kHz, Audio ADC With Integrated Microphone Bias and Input Fault Diagnostics
logo
Burr-Brown (TI)
PCM61 BURR-BROWN-PCM61 Datasheet
115Kb / 4P
   Serial Input 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM6120-Q1 TI-PCM6120-Q1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
More results

Similar Description - PCM66P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1750P BURR-BROWN-PCM1750P Datasheet
240Kb / 18P
   Dual CMOS 18-Bit Monolithic Audio ANALOG-TO-DIGITAL CONVERTER
PCM78P BURR-BROWN-PCM78P Datasheet
241Kb / 16P
   16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PCM1801 BURR-BROWN-PCM1801 Datasheet
101Kb / 13P
   16-Bit, Stereo, Audio ANALOG-TO-DIGITAL CONVERTER
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM1700U BURR-BROWN-PCM1700U Datasheet
63Kb / 5P
   Dual 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM63P BURR-BROWN-PCM63P Datasheet
254Kb / 10P
   Colinear??20-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com