Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC4066PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC4066PW
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC4066PW Datasheet HTML 1Page - Texas Instruments SN74AHC4066PW Datasheet HTML 2Page - Texas Instruments SN74AHC4066PW Datasheet HTML 3Page - Texas Instruments SN74AHC4066PW Datasheet HTML 4Page - Texas Instruments SN74AHC4066PW Datasheet HTML 5Page - Texas Instruments SN74AHC4066PW Datasheet HTML 6Page - Texas Instruments SN74AHC4066PW Datasheet HTML 7Page - Texas Instruments SN74AHC4066PW Datasheet HTML 8Page - Texas Instruments SN74AHC4066PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
r
On-state
IT = –1 mA,
VI = VCC or GND,
2.3 V
38
180
225
ron
On-state
switch resistance
T
VI = VCC or GND,
VC = VIH
3 V
29
150
190
on
switch resistance
VC = VIH
(see Figure 1)
4.5 V
21
75
100
r
Peak
IT = –1 mA,
2.3 V
143
500
600
ron(p)
Peak
on-state resistance
IT = –1 mA,
VI = VCC to GND,
V
= V
3 V
57
180
225
on(p)
on-state resistance
ICC
VC = VIH
4.5 V
31
100
125
r
Difference in
IT = –1 mA,
2.3 V
6
30
40
∆ron
Difference in
on-state resistance
between switches
IT = –1 mA,
VI = VCC to GND,
V
= V
3 V
3
20
30
on
between switches
ICC
VC = VIH
4.5 V
2
15
20
II
Control input current
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
µA
IS(off)
Off-state
switch leakage
current
VI = VCC and
VO = GND, or
VI = GND and
VO = VCC,
VC = VIL
(see Figure 2)
5.5 V
±0.1
±1
µA
IS(on)
On-state
switch leakage
current
VI = VCC or GND,
VC = VIH
(see Figure 3)
5.5 V
±0.1
±1
µA
ICC
Supply current
VI = VCC or GND
5.5 V
20
µA
Cic
Control input
capacitance
1.5
pF
Cio
Switch input/output
capacitance
5.5
pF
CF
Feed-through
capacitance
0.5
pF


Similar Part No. - SN74AHC4066PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI1-SN74AHC4066PW Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWE4 TI-SN74AHC4066PWE4 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066PW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com