Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73033DBVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73033DBVTG4
Description  LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73033DBVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73033DBVTG4 Datasheet HTML 1Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS73033DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (SOT23 PACKAGE)
2.795
2.796
2.797
2.798
2.799
2.800
2.801
2.802
2.803
2.804
2.805
0
50
100
150
200
IOUT (mA)
VIN = 3.8 V
COUT = 10 µF
TJ = 25°C
0
50
100
150
200
250
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 µF
IOUT = 200 mA
2.775
2.780
2.785
2.790
2.795
2.800
2.805
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 200 mA
IOUT = 1 mA
VIN = 3.8 V
COUT = 10 µF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
1 k
10 k
100 k
Frequency (Hz)
VIN = 3.8 V
IOUT = 200 mA
COUT = 10 µF
CNR = 0.1 µF
CNR = 0.001 µF
CNR = 0.0047 µF
CNR = 0.01 µF
0
20
40
60
80
100
120
140
160
180
−40 −25 −10 5
20 35 50 65 80 95 110 125
IOUT = 200 mA
IOUT = 10 mA
VIN = 2.7 V
COUT = 10 µF
TJ (°C)
0.001
0.01
0.1
CNR (µF)
0
10
20
30
40
50
60
VOUT = 2.8 V
IOUT = 200 mA
COUT = 10 µF
BW = 100 Hz to 100 kHz
TPS73001, TPS73018
TPS73025
TPS73030, TPS73033
SBVS054A – NOVEMBER 2004 – REVISED NOVEMBER 2004
TPS73028
TPS73028
TPS73028
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 2.
Figure 3.
Figure 4.
TPS73028 OUTPUT SPECTRAL
ROOT MEAN SQUARE OUTPUT
TPS73028
NOISE DENSITY
NOISE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
CNR
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
Figure 7.
5


Similar Part No. - TPS73033DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73033DBVTG4 TI-TPS73033DBVTG4 Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVTG4 TI-TPS73033DBVTG4 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033DBVTG4 TI1-TPS73033DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results

Similar Description - TPS73033DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301DBVRG4Q1 TI-TPS79301DBVRG4Q1 Datasheet
879Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP Datasheet
786Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com