Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3842B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TS3842B
Description  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS3842B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS3842B Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 9Page - List of Unclassifed Manufacturers TS3842B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
100
90
80
70
60
50
40
800 1.0K
2.0K
3.0K 4.0K
6.0K
8.0K
2.0
0.8
5.0
8.0
20
20
80
10K
20K
50K
100K
200K
500K
1.0M
fosc, OSCILLATOR FREQUENCY (KHz)
RT. TIMING RESISTOR (
Ω)
1.0
2.0
5.0
100
50
20
10
10K
20K
50K
100K
200K
500K
1.0M
fosc, OSCILLATOR FREQUENCY (KHz)
75
100
125
50
25
0
-25
-55
T
A. AMBIENT TEMPERATURE (
oC)
9.0
8.0
7.0
8.5
7.5
0.15
µs/DIV
2.5V
3.0V
2.0V
10
µs/DIV
2.5V
2.55V
2.45V
Figure 2 - Output Dead Time vs.
Oscillator Frequency
Figure 3 - Oscillator Discharge
Current vs. Temperature
Figure 4 - Maximum Output Duty
Cycle vs. Timing Resistor
F
igure 5 - Error Amp Small
Signal Transient Response
Figure 6 - Error Amp Large
Signal Transient Response
Figure 1 - Timing Resistor vs.
Oscillator Frequency


Similar Part No. - TS3842B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCD TSC-TS3842BCD Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCS TSC-TS3842BCS Datasheet
402Kb / 20P
   High Performance Current Mode Controller
More results

Similar Description - TS3842B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com