Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL10036 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL10036
Description  Digital Satellite Tuner with RF Bypass
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL10036 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL10036 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL10036 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
ZL10036
Data Sheet
11
Zarlink Semiconductor Inc.
1.0
Overview
1.1
Conventions in this Manual
Hexadecimal values are typically shown as 0xABCDEF. Binary values (usually of register bits) are shown as
011002. All other numbers should be considered to be decimal values unless specified otherwise.
35
PTEST
In
Connected to internal circuit for
monitoring die temperature
36
VccLO
+5 V voltage supply for LO
37
VccLO
+5 V voltage supply for LO
38
LOTEST
IO
Bi-directional test port for accessing
internal LO
AC couple input.
39
P1
Out
Switching port P1
‘0’ = disabled (high impedance)
‘1’ = enabled
Same configuration as pin 24,
P0
40
CNT
Bonded to paddle. Production continuity
test for paddle soldering
Note: Exposed paddle on rear of package must be connected to GND
Pin
Symbol
Direction
Function
Schematics
PTEST
PTEST
LOTEST
VccLO
Bias
LOTEST
VccLO
Bias


Similar Part No. - ZL10036

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCF ZARLINK-ZL10037LCF Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCF1 ZARLINK-ZL10037LCF1 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCG ZARLINK-ZL10037LCG Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
ZL10037LCG1 ZARLINK-ZL10037LCG1 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
More results

Similar Description - ZL10036

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
   Digital Satellite Tuner with RF Bypass
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
logo
Synaptics Incorporated.
CX24113A CONEXANT-CX24113A Datasheet
164Kb / 2P
   Digital Satellite Tuner RF IC
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
NXP Semiconductors
CX24109 NXP-CX24109 Datasheet
259Kb / 40P
   Digital Satellite Tuner
Rev. 01-13 November 2008
logo
Synaptics Incorporated.
CX24109 CONEXANT-CX24109 Datasheet
161Kb / 2P
   Digital Satellite Tuner
logo
NXP Semiconductors
CX24118A NXP-CX24118A Datasheet
506Kb / 46P
   Advanced Modulation Digital Satellite Tuner
Rev. 02-8 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com