Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3842 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TS3842
Description  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS3842 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TS3842 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3842 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics
Note: 1. Maximum package power dissipation limits must be observed.
2. Adjust V
CC above the Start-Up threshold before setting to 15V.
3. Low duty cycle pulse technique are used during test to maintain junction temperature as close to ambient as possible.
T
low = -20+ ,Thigh = +85+
4. This parameter is measured at the latch trip point with V
FB = 0V.
V Output Compensation
5. Comparator gain is defined as : Av =
V Current Sense Input
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
OUTPUT SECTION
Output Voltage
Low State (Isink=20mA)
VOL
-0.1
0.4
(Isink=200mA)
-
1.6
2.2
High State (Isource=20mA)
VOH
13
13.5
-
(Isource=200mA)
12
13.4
-
Output Voltage with UVLO Activated
VCC=6.0V,Isink=1.0mA
Output Voltage Rise Time (CL=1.0nF,TJ=25
+)
tr
-
50
150
ns
Output Voltage Fall Time (CL=1.0nF,TJ=25
+)
tf
-
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
Start-Up Threshold
TS3842B
14.5
16
17.5
TS3843B
7.8
8.4
9.0
Minimum Operating Voltage After Turn-On
TS3842B
8.5
10
11.5
TS3843B
7.0
7.6
8.2
PWM SECTION
Duty Cycle
Maximum
DCmax
94
96
-
Minimum
DCmin
-
-
0
TOTAL DEVICE
Power Supply Current
Start-Up, VCC= 14V
-
0.25
0.5
Operating (Note 2)
-
12
17
Power Supply Zener Voltage (ICC=25mA)
Vz
30
36
-
V
V
VOL(UVLO)
%
ICC
mA
Vth
V
VCC(min)
V
-0.1
1.1
V
VCC=15V (Note 2), RT=10K, CT=3.3nF, TA=Tlow to Thigh (Note 3), unless otherwise noted.


Similar Part No. - TS3842

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCD TSC-TS3842BCD Datasheet
402Kb / 20P
   High Performance Current Mode Controller
TS3842BCS TSC-TS3842BCS Datasheet
402Kb / 20P
   High Performance Current Mode Controller
More results

Similar Description - TS3842

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com