Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3600BM-NFN Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U3600BM-NFN
Description  SINGLE CHIP CORDLESS TELEPHONE IC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3600BM-NFN Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U3600BM-NFN Datasheet HTML 4Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 5Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 6Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 7Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 8Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 9Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 10Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 11Page - ATMEL Corporation U3600BM-NFN Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
U3600BM
4516C–CT0–08/02
Figure 6. Serial Bus Timing Diagram
Content of Internal
Registers
The registers have the following structure
R0: Reference for D/A converter
MUXDA:
D/A multiplexing VBAT / RSSI
DA(0:6):
Reference voltage D/A
R1: Gain of earpeace amplifier and demodulator
GEA[0:4]:
Gain of earpeace amplifier; “0” is LSB, “4” is MSB
GDEM:
Demodulator gain (1 = low gain)
R2: Switches and mutes for receive and data reception
DATRX:
Switch data comparator output to “DACO”-pin
BEXP:
Bypass expander
EEA:
Enable earpiece amplifier
ERXO:
Enable RXO output driver
ERX1:
Enable RX low frequency part 1
ERXHF:
Enable Mixer2 and IF-amplifier
MRX:
Mute RX low frequency path (expander) keeping circuit enabled
ERX2:
Enable RX low frequency part 2 (expander)
R3: Switches and mutes for transmit and power managemant
PDVDD:
Enable pull-down transistor in power-down mode
RBAT:
Battery detection high/low range
MTX:
Mute TX low frequency path (compressor) keeping circuit enabled
ETX:
Enable TX low frequency part
A1
A2
A3
Data
(D)
Clock
(C)
D0
tsud
thd
tch
tcl
teon
teh
teoff
D7
D6
D5
D4
D3
D2
D1
D0
MUXDA
DA6
DA5
DA4
DA3
DA2
DA1
DA0
GEA4
GEA3
GEA2
GEA1
GEA0
GDEM
free
free
DATRX
BEXP
EEA
ERXO
ERX1
ERXHF
MRX
ERX2
PDVDD
RBAT
free
free
free
free
MTX
ETX


Similar Part No. - U3600BM-NFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3600BM-NFNG3Y ATMEL-U3600BM-NFNG3Y Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
U3600BM-NFNY ATMEL-U3600BM-NFNY Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results

Similar Description - U3600BM-NFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
   Transmission / reception, single chip PLL IC for PHS, cordless telephone
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
NXP Semiconductors
UAA3515A PHILIPS-UAA3515A Datasheet
180Kb / 44P
   900 MHz analog cordless telephone IC
2001 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com