Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68040VF33A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS68040VF33A
Description  Third- Generation 32-bit Microprocessor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68040VF33A Datasheet(HTML) 5 Page - ATMEL Corporation

  TS68040VF33A Datasheet HTML 1Page - ATMEL Corporation TS68040VF33A Datasheet HTML 2Page - ATMEL Corporation TS68040VF33A Datasheet HTML 3Page - ATMEL Corporation TS68040VF33A Datasheet HTML 4Page - ATMEL Corporation TS68040VF33A Datasheet HTML 5Page - ATMEL Corporation TS68040VF33A Datasheet HTML 6Page - ATMEL Corporation TS68040VF33A Datasheet HTML 7Page - ATMEL Corporation TS68040VF33A Datasheet HTML 8Page - ATMEL Corporation TS68040VF33A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5
TS68040
2116A–HIREL–09/02
CQFP 196
Figure 3. Pin Assignments
Table 2. Power Supply Affectation to CQFP Body
GND
VCC
PLL
127
Internal Logic
4, 9, 10, 19, 32, 45, 73, 88, 113, 119, 121, 122, 124,
125, 129, 130, 141, 159, 172
3, 18, 31, 40, 46, 60, 72, 87, 114, 126, 137, 158, 173,
186
Output Drivers
7, 15, 22, 28, 35, 42, 49, 50, 51, 57, 63, 69, 76, 77, 83,
84, 91, 97, 98, 99, 105, 106, 146, 147, 148, 149, 155,
162, 163, 169, 176, 182, 183, 189, 195, 196
12, 25, 38, 54, 66, 80, 94, 102, 152, 166, 179, 192


Similar Part No. - TS68040VF33A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN10 STMICROELECTRONICS-TS68000CFN10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN16 STMICROELECTRONICS-TS68000CFN16 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CFN8 STMICROELECTRONICS-TS68000CFN8 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
TS68000CP10 STMICROELECTRONICS-TS68000CP10 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
More results

Similar Description - TS68040VF33A

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
   32-Bit Microprocessor
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
   32-BIT MICROPROCESSOR
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
   32-bit Microprocessor
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
   32-bit Microprocessor
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689_06 Datasheet
302Kb / 14P
   Third Generation CCFL Controller
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com