Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG8JCT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG8JCT
Description  Dual Ultrafast Plastic Rectifier Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG8JCT Datasheet(HTML) 3 Page - Vishay Siliconix

  UG8JCT Datasheet HTML 1Page - Vishay Siliconix UG8JCT Datasheet HTML 2Page - Vishay Siliconix UG8JCT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UG8JCT, UGF8JCT, UGB8JCT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88766
www.vishay.com
03-Jul-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1
100
10
Number of Cycles at 60 HZ
0
0
12
10
6
8
2
4
25
50
75
100
125
150
Fig. 1 -- Maximum Forward Current
Derating Curve
Case Temperature (
°C)
0.5
1.0
1.5
2.0
2.5
Instantaneous Forward Voltage (V)
Fig. 3 -- Typical Instantaneous
Forward Characteristics Per Leg
020
60
40
100
80
Fig. 4 --Typical Reverse Leakage
Characteristics Per Leg
Percent of Rated Peak Reverse Voltage (%)
0.01
0.1
10
100
1
Reverse Voltage (V)
1
10
100
100
10
1
10
100
1,000
10,000
1
TJ = 25°C max.
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25°C
f = 1.0MHZ
Vsig = 50mvp-p
0
120
140
100
60
80
20
40
25
50
75
100
125
150
Fig. 6 -- Reverse Switching
Characteristics Per Leg
TJ, Junction Temperature (°C)
Qrr
Trr
IF = 4A
Vr = 30V
Fig. 2 -- Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
Fig. 5 -- Typical Junction Capacitance
Per Leg
di/dt =
UG8JCT, UGB8JCT
UGF8JCT
P.C.B. with 7.5 x 7.5 x 0.3cm
Copper Pad
0
20
40
60
80
100


Similar Part No. - UG8JCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG8JCT VISHAY-UG8JCT Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UG8JCT VISHAY-UG8JCT Datasheet
149Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
02-Oct-12
UG8JCT-E3 VISHAY-UG8JCT-E3 Datasheet
155Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG8JCT-E3/45 VISHAY-UG8JCT-E3/45 Datasheet
158Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 09-Nov-07
UG8JCTHE3 VISHAY-UG8JCTHE3 Datasheet
155Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
More results

Similar Description - UG8JCT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FEP16JT VISHAY-FEP16JT Datasheet
197Kb / 4P
   Dual Ultrafast Plastic Rectifier
08-Apr-05
UG30A VISHAY-UG30A Datasheet
24Kb / 2P
   Dual Ultrafast Plastic Rectifier
03-Jul-02
FEP16GT-E3 VISHAY-FEP16GT-E3 Datasheet
150Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
22-Aug-06
logo
SemiHow Co.,Ltd.
HDS10U30X SEMIHOW-HDS10U30X Datasheet
561Kb / 3P
   SwitchmodeFull Plastic Dual Ultrafast Power Rectifier
logo
Vishay Siliconix
UG8XCT VISHAY-UG8XCT Datasheet
155Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
UG30APT-E3 VISHAY-UG30APT-E3 Datasheet
91Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 24-Feb-16
GIB2401 VISHAY-GIB2401_V01 Datasheet
94Kb / 4P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
UG18XCT VISHAY-UG18XCT_V01 Datasheet
157Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
U30BCT VISHAY-U30BCT Datasheet
152Kb / 5P
   Dual Common-Cathode Ultrafast Plastic Rectifier
Revision: 27-Aug-08
GI2401 VISHAY-GI2401_V01 Datasheet
131Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com