Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR9211J Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UNR9211J
Description  Silicon NPN epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR9211J Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UNR9211J Datasheet HTML 1Page - Panasonic Semiconductor UNR9211J Datasheet HTML 2Page - Panasonic Semiconductor UNR9211J Datasheet HTML 3Page - Panasonic Semiconductor UNR9211J Datasheet HTML 4Page - Panasonic Semiconductor UNR9211J Datasheet HTML 5Page - Panasonic Semiconductor UNR9211J Datasheet HTML 6Page - Panasonic Semiconductor UNR9211J Datasheet HTML 7Page - Panasonic Semiconductor UNR9211J Datasheet HTML 8Page - Panasonic Semiconductor UNR9211J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
UNR921xJ Series
Transistors with built-in Resistor
SJH00039BED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Collector-base cut-off current (Emitter open)
ICBO
VCB
= 50 V, I
E
= 0
0.1
µA
Collector-emitter cut-off current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-
UNR9210J/9215J/
IEBO
VEB
= 6 V, I
C
= 0
0.01
mA
base
9216J/9217J/921BJ
cut-off
UNR9213J/921AJ
0.1
current
UNR9212J/9214J/921DJ/
0.2
(Collector 921EJ/921MJ/921NJ/921TJ
open)
UNR9211J
0.5
UNR921FJ/921KJ
1.0
UNR9219J
1.5
UNR9218J/921CJ/921LJ/921VJ
2.0
Forward
UNR921VJ
hFE
VCE = 10 V, IC = 5 mA
6
20
current
UNR9218J/921KJ/921LJ
20
transfer
UNR9219J/921DJ/921FJ
30
ratio
UNR9211J
35
UNR9212J/921EJ
60
UNR9213J/9214J/921AJ/
80
921CJ/921MJ
UNR921NJ/921TJ
80
400
UNR9210J/9215J/9216J/
160
460
9217J/921BJ
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC = 5 V, VB = 0.5 V, RL = 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC
= 5 V, V
B
= 2.5 V, R
L
= 1 kΩ
0.2
V
UNR9213J/921BJ/921KJ
VCC = 5 V, VB = 3.5 V, RL = 1 kΩ
UNR921DJ
VCC = 5 V, VB = 10 V, RL = 1 kΩ
UNR921EJ
VCC
= 5 V, V
B
= 6 V, R
L
= 1 kΩ
UNR921AJ
VCC = 5 V, VB = 5 V, RL = 1 kΩ
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
150
MHz
Input
UNR9218J
R1
−30%
0.51
+30%
k
resistance UNR9219J
1
UNR921MJ/921VJ
2.2
UNR9216J/921FJ/921LJ/921NJ
4.7
UNR9211J/9214J/9215J/921KJ
10
UNR9212J/9217J/921TJ
22
UNR9210J/9213J/921DJ/921EJ
47
UNR921AJ/921BJ
100


Similar Part No. - UNR9211J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR9211J PANASONIC-UNR9211J Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
More results

Similar Description - UNR9211J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com