Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36648041DT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VG36648041DT
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG36648041DT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button VG36648041DT Datasheet HTML 4Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 5Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 6Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 7Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 8Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 9Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 10Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 11Page - List of Unclassifed Manufacturers VG36648041DT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Document :1G5-0177
Rev.2
Page 8
VIS
VG36644041DT / VG36648041DT / VG36641641DT
CMOS Synchronous Dynamic RAM
A.C. Characteristics (Ta = 0 ~ 70°C, VDD = VDDQ = 3.3 0.3V , VSS = VSSQ = 0V, unless otherwise noted)
Notes
1. -6 grade is available only on 4MX16 option.
2. if clock rising time is longer than 1ns, (tr/2-0.5ns) should be added to the parameter.
Parameter
Sym-
bol
Limits
Unit
Note
-6 *1
-7
-7L
-8H
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle time
CL = 3
tCK3
6
7
7.5
8
ns
CL = 2
tCK2
7.5
7.5
10
10
ns
CLK to valid output
delay
CL = 3
tAC3
5
5.4
5.4
6
ns
*2
CL = 2
tAC2
6
6
6
6
ns
*2
CLK high pulse width
tCH
2.5
2.5
2.5
3
ns
CLK low pulse width
tCL
2.5
2.5
2.5
3
ns
CKE setup time
tCKS
1.5
1.5
1.5
2
ns
CKE hold time
tCKH
0.8
0.8
0.8
1
ns
Address setup time
tAS
1.5
1.5
1.5
2
ns
Address hold time
tAH
0.8
0.8
0.8
1
ns
Command setup time
tCMS
1.5
1.5
1.5
2
ns
Command hold time
tCMH
0.8
0.8
0.8
1
ns
Data input setup time
tDS
1.5
1.5
1.5
2
ns
Data input hold time
tDH
0.8
0.8
0.8
1
ns
Output data hold
time
CL = 3
tOH3
2.5
2.7
2.7
3
ns
*2
CL = 2
tOH2
2.5
2.7
3
3
ns
*2
CLK to output in low - Z
tLZ
0
0
0
0
ns
CLK to output in H - Z
tHZ
2.5
5
2.7
5.4
2.7
5.4
3
6
ns
ROW cycle time
tRC
60
63
67.5
70
ns
ROW active time
tRAS
42
100K
42
100K
45
100K
50
100K
ns
RAS to CAS delay
tRCD
18
20
20
20
ns
Row precharge time
tRP
15
15
20
20
ns
Row active to active delay
tRRD
12
14
15
20
ns
Data in to precharge
tDPL
12
14
15
20
ns
Transition time
tT
1
10
1
10
1
10
1
10
ns
Mode reg. set cycle
tRSC
2
2
2
2
tck
Refresh time
tREF
64
64
64
64
ms
±


Similar Part No. - VG36648041DT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36648041DT VML-VG36648041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36648041DT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com