Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36641641DT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VG36641641DT
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG36641641DT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VG36641641DT Datasheet HTML 3Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 4Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 5Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 6Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 7Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 8Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 9Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 10Page - List of Unclassifed Manufacturers VG36641641DT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Document :1G5-0177
Rev.2
Page 7
VIS
VG36644041DT / VG36648041DT / VG36641641DT
CMOS Synchronous Dynamic RAM
AC Characteristics (Ta = 0 ~ 70°C, VDD = VDDQ = 3.3 0.3V , VSS = VSSQ = 0V, unless otherwise noted)
Test Conditions
Note): 1.if clock rising time is longer than 1ns, (tr/2-0.5ns) should be added to the parameter.
Output Load Conditions
AC input Levels (VIH/VIL)
2.0 / 0.8V
Input timing reference level /
Output timing reference level
1.4V
Input rise and fall time
1ns
Output load condition
50pF
±
VDDQ
VDDQ
VOUT
Device
Under
Test
50PF
Z = 50


Similar Part No. - VG36641641DT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36641641DT VML-VG36641641DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36641641DT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com