Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG36648041DT-8H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VG36648041DT-8H
Description  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VG36648041DT-8H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VG36648041DT-8H Datasheet HTML 1Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 2Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 3Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 4Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 5Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 6Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 7Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 8Page - List of Unclassifed Manufacturers VG36648041DT-8H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Document :1G5-0177
Rev.2
Page 1
VIS
VG36644041DT / VG36648041DT / VG36641641DT
CMOS Synchronous Dynamic RAM
Description
The VG36644041D, VG36648041D and VG36641641D are high-speed 67,108,864-bit synchronous
dynamic random-access memories, organized as 4,194,304 x 4 x 4, 2,097,152 x 8 x 4 and 1,048,576 x 16 x
4 (word x bit x bank), respectively.
The synchronous DRAMs achieved high-speed data transfer using the pipeline architecture. All input
and outputs are synchronized with the positive edge of the clock.The synchronous DRAMs are compatible
with Low Voltage TTL (LVTTL).These products are packaged in 54-pin TSOPII.
Features
• Single 3.3V (
) power supply
• High speed clock cycle time
-6 : 166MHz<3-3-3>, available only on 4MX16 option
-7 : 143MHz<3-3-3>, 133MHz<2-3-2>
-7L: 133MHz<3-3-3>
-8H: 100MHz<2-2-2>
• Fully synchronous operation referenced to clock rising edge
• Possible to assert random column access in every cycle
• Quad internal banks controlled by A12 & A13 (Bank Select)
• Byte control by LDQM and UDQM for VG36641641D
• Programmable Wrap sequence (Sequential / Interleave)
• Programmable burst length (1, 2, 4, 8 and full page)
• Programmable /CAS latency (2 and 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• X4, X8, X16 organization
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64ms
• Burst termination by Burst stop and Precharge command
0.3V
±


Similar Part No. - VG36648041DT-8H

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36648041DT VML-VG36648041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
More results

Similar Description - VG36648041DT-8H

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com