Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT7295E Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT7295E
Description  INTEGRATED LINE RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7295E Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT7295E Datasheet HTML 5Page - Exar Corporation XRT7295E Datasheet HTML 6Page - Exar Corporation XRT7295E Datasheet HTML 7Page - Exar Corporation XRT7295E Datasheet HTML 8Page - Exar Corporation XRT7295E Datasheet HTML 9Page - Exar Corporation XRT7295E Datasheet HTML 10Page - Exar Corporation XRT7295E Datasheet HTML 11Page - Exar Corporation XRT7295E Datasheet HTML 12Page - Exar Corporation XRT7295E Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
;57(

5HY
)DOVH/RFN ,PPXQLW\
)DOVHORFN LV GHILQHG DV WKH FRQGLWLRQ ZKHUH D 3//
UHFRYHUHG FORFN REWDLQV VWDEOH SKDVHORFN DW D IUHTXHQF\
QRW HTXDO WR WKH LQFRPLQJ GDWD UDWH 7KH ;57(
GHYLFH XVHV D FRPELQDWLRQ IUHTXHQF\SKDVHORFN
DUFKLWHFWXUH WR SUHYHQW IDOVHORFN $Q RQFKLS IUHTXHQF\
FRPSDUDWRU FRQWLQXRXVO\ FRPSDUHV WKH (;&/. UHIHUHQFH
WR WKH 3// FORFN ,I WKH IUHTXHQF\ GLIIHUHQFH EHWZHHQ WKH
(;&/. DQG 3// FORFN H[FHHGV DSSUR[LPDWHO\  RI
(;&/. FRUUHFWLRQ FLUFXLWU\ DFWV WR IRUFH UHDFTXLVLWLRQ RI
WKH SURSHU IUHTXHQF\ DQG SKDVH
$FTXLVLWLRQ 7LPH
,I D YDOLG LQSXW VLJQDO LV DVVXPHG WR EH DOUHDG\ SUHVHQW DW
5,1 WKH PD[LPXP WLPH EHWZHHQ WKH DSSOLFDWLRQ RI GHYLFH
SRZHU DQG HUURUIUHH RSHUDWLRQ LV  PV ,I SRZHU KDV
DOUHDG\ EHHQ DSSOLHG WKH LQWHUYDO EHWZHHQ WKH DSSOLFDWLRQ
RI YDOLG GDWD DQG HUURUIUHH RSHUDWLRQ LV  PV
/RVVRI/RFN ,QGLFDWLRQ
$V VWDWHG DERYH WKH 3// DFTXLVLWLRQ DLG FLUFXLWU\ PRQLWRUV
WKH 3// FORFN IUHTXHQF\ UHODWLYH WR WKH (;&/. IUHTXHQF\
7KH DFTXLVLWLRQ FLUFXLW DOVR PRQLWRUV WKH UHVXPHG GDWD WR
GHWHFW SRVVLEOH SKDVHORFN ZKLFK LV G RXW RI D QRUPDO
SKDVH DOLJQPHQW 7KH 5/2/ DODUP LV DFWLYDWHG LI HLWKHU RU
ERWK RI WKH IROORZLQJ FRQGLWLRQV H[LVW
 7KH GLIIHUHQFH EHWZHHQ WKH 3// FORFN DQG WKH
(;&/. )UHTXHQF\ H[FHHGV DSSUR[LPDWHO\ 
 7KH UHWLPHG GDWD LV G RXW RI QRUPDO SKDVH
DOLJQPHQW
$ KLJK 5/2/ RXWSXW LQGLFDWHV WKDW WKH DFTXLVLWLRQ FLUFXLW LV
ZRUNLQJ WR EULQJ WKH 3// LQWR SURSHU IUHTXHQF\ ORFN
5/2/ UHPDLQV KLJK XQWLO IUHTXHQF\ ORFN KDV RFFXUUHG
KRZHYHU WKH PLQLPXP 5/2/ SXOVH ZLGWK LV  FORFN
F\FOHV
'DWD
5DWH
5(4%
/267+5
7KUHVKROG
8QLW
5DWH
5(4%
/267+5
0LQ
0D[
8QLW




P9 SN
(
9


P9 SN

0E
9


P9 SN
0ESV




P9 SN
9


P9 SN
9


P9 SN
4908
ï 7KH 5/26 DODUP LV DQ LQGLFDWLRQ RI WKH SUHVHQFH RI DQ LQSXW
VLJQDO QRW D ELW HUURU UDWH LQGLFDWLRQ 7DEOH  JLYHV WKH
PLQLPXP LQSXW DPSOLWXGH QHHGHG IRU HUURUIUHH RSHUDWLRQ
%(5(  ,QGHSHQGHQW RI WKH 5/26 VWDWH WKH GHYLFH ZLOO
DWWHPSW WR UHFRYHU FRUUHFW WLPLQJ DQG GDWD
ï 7KH 5/26 ORZWRKLJK WUDQVLWLRQ W\SLFDOO\ RFFXUV G% EHORZ
WKH KLJKWRORZ WUDQVLWLRQ
7DEOH  $QDORJ /RVVRI6LJQDO 7KUHVKROGV
/RVVRI6LJQDO 'HWHFWLRQ
)LJXUH  VKRZV WKDW DQDORJ DQG GLJLWDO PHWKRGV RI
ORVVRIVLJQDO /26 GHWHFWLRQ DUH FRPELQHG WR FUHDWH WKH
5/26 DODUP RXWSXW 5/26 LV VHW LI HLWKHU WKH DQDORJ RU
GLJLWDO GHWHFWLRQ FLUFXLWU\ LQGLFDWHV /26 KDV RFFXUUHG
$QDORJ 'HWHFWLRQ
7KH DQDORJ /26 GHWHFWRU PRQLWRUV WKH SHDN LQSXW VLJQDO
DPSOLWXGH 5/26 PDNHV D KLJKWRORZ WUDQVLWLRQ LQSXW
VLJQDO UHJDLQHG ZKHQ WKH LQSXW VLJQDO DPSOLWXGH H[FHHGV
WKH ORVVRI VLJQDO WKUHVKROG GHILQHG LQ 7DEOH  7KH 5/26
ORZWRKLJK WUDQVLWLRQ LQSXW VLJQDO ORVV RFFXUV DW D OHYHO
W\SLFDOO\  G% EHORZ WKH KLJKWRORZ WUDQVLWLRQ OHYHO 7KH
K\VWHUHVLV SUHYHQWV 5/26 FKDWWHULQJ 2QFH VHW WKH
5/26 DODUP UHPDLQV KLJK IRU DW OHDVW  FORFN F\FOHV
DOORZLQJ IRU V\VWHP GHWHFWLRQ RI D /26 FRQGLWLRQ ZLWKRXW
WKH XVH RI DQ H[WHUQDO DODUP ODWFK
7R DOORZ IRU YDU\LQJ OHYHOV RI QRLVH DQG FURVVWDON LQ
GLIIHUHQW DSSOLFDWLRQV WKUHH ORVVRIVLJQDO WKUHVKROG
VHWWLQJV DUH DYDLODEOH XVLQJ WKH /267+5 SLQ 6HWWLQJ
/267+5
9 SURYLGHV WKH ORZHVW ORVVRIVLJQDO
WKUHVKROG /267+5 9  FDQ EH SURGXFHG XVLQJ WZR
N:  UHVLVWRU DV D YROWDJH GLYLGHU EHWZHHQ 9'
DQG *1'' SURYLGHV DQ LQWHUPHGLDWH
WKUHVKROG
/267+5
*1' SURYLGHV WKH KLJKHVW WKUHVKROG 7KH
/267+5 SLQ PXVW EH VHW WR LWV GHVLUHG YDOXH DW SRZHU XS
DQG PXVW QRW EH FKDQJHG GXULQJ RSHUDWLRQ


Similar Part No. - XRT7295E

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
XRT7295E PULSE-XRT7295E Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
XRT7295E PULSE-XRT7295E Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - XRT7295E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7295AE EXAR-XRT7295AE_03 Datasheet
965Kb / 15P
   E3 (34.368Mbps) Integrated line Receiver
logo
NTE Electronics
NTE2632 NTE-NTE2632 Datasheet
25Kb / 3P
   Integrated Circuit Quad Differential Line Receiver
logo
Exar Corporation
XRT7295AT EXAR-XRT7295AT_10 Datasheet
123Kb / 2P
   DS3 SONET STS1 Integrated Line Receiver
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
   DS3/Sonet STS-1 Integrated Line Receiver
XRT7295AT EXAR-XRT7295AT Datasheet
1Mb / 18P
   DS3/Sonet STS-1 Integrated Line Receiver
logo
Texas Instruments
TLFD600 TI1-TLFD600 Datasheet
496Kb / 36P
[Old version datasheet]   ADSL CODEC WITH INTEGRATED LINE DRIVER AND RECEIVER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com