Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XOSM-57ARE50M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XOSM-57ARE50M
Description  Surface Mount Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XOSM-57ARE50M Datasheet(HTML) 1 Page - Vishay Siliconix

  XOSM-57ARE50M Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 35028
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 07-Jun-04
1
Surface Mount Oscillator
XOSM-57
Vishay Dale
FEATURES
∑ Miniature Package
∑ Tri-state enable/disable
∑ TTL/HCMOS compatible
∑ Tape and Reel
∑ IR Re-flow
∑ 5V input voltage
The XOSM-57 series is an ultra miniature package clock oscillator
with dimensions 7.0 x 5.0 x 1.6 mm. It is mainly used in portable PC
and telecommunication devices and equipment.
*Include: 25ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XOSM-57
Frequency Range
FO
1MHz ~ 100.000MHz
Frequency Stability*
All Condition*
± 25ppm, ± 50ppm, ± 100ppm
Operating Temperature
TOPR
0ºC ~ 70ºC (- 40ºC ~ + 85ºC option)
Storage Temperature Range
TSTG
- 55ºC ~ + 125ºC
Power Supply Voltage
VDD
5.0V ± 10%
Aging (First Year)
25ºC ± 3ºC
± 5ppm
Supply Current
IDD
1.000MHz to 23.999MHz
20mA Max
24.000MHz to 49.999MHz
30mA Max
50.000MHz to 69.999MHz
40mA Max
70.000MHz to 100.000MHz
60mA Max
Output Symmetry
Sym
At 1/2 VDD
40/60%(45/55% Option)
Rise Time
Tr
10%VDD ~ 90%VDD
5 nS Max
Fall Time
Tf
90%VDD ~ 10%VDD
5 nS Max
Output Voltage
VOH
90% VDD Min
VOL
10% VDD Max
Output Load
TTL Load
1 ~ 10TTL
HCMOS Load
30pF Max
Start-up Time
Ts
10mS Max
Pin 1, tri-state function
Pin 1 = H or open.... output active at pin 3
Pin 1 = L..... high impedance at pin 3
ORDERING INFORMATION
XOSM-57
MODEL
B
FREQUENCY STABILITY
AA = 0.0025% (25PPM)
A = 0.005% (50PPM)
B = 0.01% (100PPM) Standard
R
OTR
Blank = Standard
R = - 40°C to + 85°C
E
ENABLE/DISABLE
E = Disable to Tristate
50M
FREQUENCY/MHz
#4
0.197
± 0.008 [5.0 ± 0.2]
***note: A 0.01
mF bypass capacitor should be placed between VDD(Pin4) and GND(Pin2) to minimize power supply line noise
0.275
± 0.008
[7.0
± 0.2]
0.063 [1.6 max]
0.102
± 0.006
[2.60
± 0.15]
#3
#1
#2
0.055
± 0.006
[1.40
± 0.15]
0.2
± 0.006
[5.08
± 0.15]
PIN
#1
#2
#3
#4
CONNECTION
TRI-STATE/NC
GND
OUTPUT
VDD
0.200
[5.08]
0.079
[2.0]
0.158
[4.0]
0.071
[1.8]


Similar Part No. - XOSM-57ARE50M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-57ARE50ME4 VISHAY-XOSM-57ARE50ME4 Datasheet
94Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
XOSM-57ARE50ME4 VISHAY-XOSM-57ARE50ME4 Datasheet
74Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
More results

Similar Description - XOSM-57ARE50M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ECM Electronics Limited...
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
   Surface Mount Oscillator
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
   Surface Mount Oscillator
01-Jan-2022
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
   Surface Mount Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com