Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50232QCC1 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL50232QCC1
Description  32 Channel Voice Echo Canceller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50232QCC1 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL50232QCC1 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50232QCC1 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ZL50232
Data Sheet
8
Zarlink Semiconductor Inc.
1.2
Double-Talk Detector
Double-Talk is defined as those periods of time when signal energy is present in both directions simultaneously.
When this happens, it is necessary to disable the filter adaptation to prevent divergence of the Adaptive Filter
coefficients. Note that when double-talk is detected, the adaptation process is halted but the echo canceller
continues to cancel echo using the previous converged echo profile. A double-talk condition exists whenever the
relative signal levels of Rin (Lrin) and Sin (Lsin) meet the following condition:
Lsin > Lrin + 20log10(DTDT)
where DTDT is the Double-Talk Detection Threshold. Lsin and Lrin are signal levels expressed in dBm0.
A different method is used when it is uncertain whether Sin consists of a low level double-talk signal or an echo
return. During these periods, the adaptation process is slowed down but it is not halted. The slow convergence
speed is set using the Slow sub-register in Control Register 4. During slow convergence, the adaptation speed is
reduced by a factor of 2Slow relative to normal convergence for non-zero values of Slow. If Slow equals zero,
adaptation is halted completely.
In the G.168 standard, the echo return loss is expected to be at least 6 dB. This implies that the Double-Talk
Detector Threshold (DTDT) should be set to 0.5 (-6 dB). However, in order to achieve additional guardband, the
DTDT is set internally to 0.5625 (-5 dB).
In some applications the return loss can be higher or lower than 6 dB. The ZL50232 allows the user to change the
detection threshold to suit each application’s need. This threshold can be set by writing the desired threshold value
into the DTDT register.
The DTDT register is 16 bits wide. The register value in hexadecimal can be calculated with the following equation:
DTDT(hex) = hex(DTDT(dec) * 32768)
where 0 < DTDT(dec) < 1
Example:For DTDT = 0.5625 (-5 dB), the
hexadecimal value becomes
hex(
0.5625 * 32768) = 4800hex
1.3
Path Change Detector
Integrated into the ZL50232 is a Path Change Detector. This permits fast reconvergence when a major change
occurs in the echo channel. Subtle changes in the echo channel are also tracked automatically once convergence
is achieved, but at a much slower speed.
The Path Change Detector is activated by setting the PathDet bit in Control Register 3 to “1”. An optional path
clearing feature can be enabled by setting the PathClr bit in Control Register 3 to “1”. With path clearing turned on,
the existing echo channel estimate will also be cleared (i.e. the adaptive filter will be filled with zeroes) upon
detection of a major path change.


Similar Part No. - ZL50232QCC1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233 ZARLINK-ZL50233 Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233 ZARLINK-ZL50233 Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
ZL50233GD ZARLINK-ZL50233GD Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233GDC ZARLINK-ZL50233GDC Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233GDG ZARLINK-ZL50233GDG Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
More results

Similar Description - ZL50232QCC1

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com