Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50405GDC Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # ZL50405GDC
Description  Managed5-Port 10/100 M Ethernet Switch
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50405GDC Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button ZL50405GDC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50405GDC Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
ZL50405
Data Sheet
11
Zarlink Semiconductor Inc.
1.0
BGA and Ball Signal Descriptions
1.1
BGA Views (Top-View)
1.2
Power and Ground Distribution
123
45
678
9
10
11
12
13
14
15
16
A
SCLK
P_CS#
P_RD#
P_WE
#
P_DAT
A1
P_DAT
A3
P_DAT
A5
P_DAT
A7
P_DAT
A9
P_DAT
A11
P_DAT
A13
P_DAT
A15
REF_C
LK
RSVD
M9_M
TXCLK
M9_TX
EN
A
BP_INT
#
P_A0
P_A1
P_A2
P_DAT
A0
P_DAT
A2
P_DAT
A4
P_DAT
A6
P_DAT
A8
P_DAT
A10
P_DAT
A12
P_DAT
A14
TCK
TMS
RSVD
M9_RX
CK
B
C
RESET
OUT#
TSTO
UT1
TSTO
UT3
TSTO
UT5
TSTO
UT6
TSTO
UT7
TSTO
UT9
TSTO
UT11
TSTO
UT12
TSTO
UT14
TSTO
UT15
TRST#
TDI
RSVD
M9_C
RS
M9_C
OL
C
DRESIN
#
TSTO
UT0
TSTO
UT2
TSTO
UT4
3.3V
SCAN_
EN
TSTO
UT8
TSTO
UT10
1.8V
TSTO
UT13
TDO
3.3V
RSVD
RSVD
M9_RX
DV
RSVD
D
EM2_C
OL
M0_C
OL
M1_C
OL
3.3V
3.3V
RSVD
RSVD
RSVD
E
FM_MD
C
M_MDI
O
M0_RX
D2
M0_RX
D3
M9_RX
D2
M9_RX
D3
RSVD
RSVD
F
GM0_RX
D0
M0_RX
D1
M0_RX
CK
M0_TX
D3
GND
GND
GND
GND
M9_RX
D0
M9_RX
D1
M9_TX
D2
M9_TX
D3
G
HM0_C
RS
M0_TX
EN
M0_TX
D2
1.8V
GND
GND
GND
GND
1.8V
RSVD
M9_TX
D0
M9_TX
D1
H
JM0_TX
D0
M0_TX
D1
M0_TX
CK
M1_RX
D3
GND
GND
GND
GND
RSVD
RSVD
RSVD
RSVD
J
KM1_RX
D0
M1_RX
D1
M1_RX
D2
M1_RX
CK
GND
GND
GND
GND
RSVD
RSVD
RSVD
RSVD
K
LM1_C
RS
M1_TX
EN
M1_TX
D2
M1_TX
D3
RSVD
RSVD
RSVD
RSVD
L
MM1_TX
D0
M1_TX
D1
M1_TX
CK
3.3V
3.3V
RSVD
RSVD
RSVD
M
NM2_RX
D3
M2_TX
CK
M2_TX
D3
M3_RX
D3
3.3V
M3_TX
D3
1.8V
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
N
PM2_RX
D2
M2_RX
CK
M2_TX
D2
M3_RX
D2
M3_RX
CK
M3_TX
D2
M3_C
OL
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
P
RM2_RX
D1
M2_TX
EN
M2_TX
D1
M3_RX
D1
M3_TX
EN
M3_TX
D1
M_CLK
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
R
TM2_RX
D0
M2_C
RS
M2_TX
D0
M3_RX
D0
M3_C
RS
M3_TX
D0
M3_TX
CK
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
T
123
45
678
9
10
11
12
13
14
15
16
G7-10, H7-10, J7-10, K7-10
GND
VSS
Ground
D5, D12, E4, E13, M4, M13,
N5
3.3V
VCC
I/O Power
D9, H4, H13, N7
1.8V
VDD
Core Power


Similar Part No. - ZL50405GDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50400 ZARLINK-ZL50400 Datasheet
737Kb / 124P
   Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
ZL50400GDC ZARLINK-ZL50400GDC Datasheet
737Kb / 124P
   Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
ZL50404GDC ZARLINK-ZL50404GDC Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
ZL50407 ZARLINK-ZL50407 Datasheet
1Mb / 125P
   Lightly Managed/Unmanaged 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
More results

Similar Description - ZL50405GDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC6102 ETC-TC6102 Datasheet
273Kb / 13P
   2 PORT 10/100 M ETHERNET SWITCH CONTROLLER
logo
Zarlink Semiconductor I...
ZL50400 ZARLINK-ZL50400 Datasheet
737Kb / 124P
   Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
ZL50418 ZARLINK-ZL50418 Datasheet
2Mb / 163P
   Managed 16-Port 10/100 M 2-Port 1 G Ethernet Switch
logo
List of Unclassifed Man...
IP178C ETC1-IP178C Datasheet
1Mb / 91P
   8 Port 10/100 Ethernet Integrated Switch
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
List of Unclassifed Man...
IP175C ETC2-IP175C Datasheet
1Mb / 111P
   5 Port 10/100 Ethernet Integrated Switch
IP178A ETC1-IP178A Datasheet
1Mb / 44P
   8-Port 10/100 Ethernet Integrated Switch
IP175G ETC2-IP175G Datasheet
752Kb / 69P
   5 Port 10/100 Ethernet Integrated Switch
logo
Black Box Registered Tr...
SW-708 BLACKBOX-SW-708 Datasheet
951Kb / 4P
   Hardened 8 Port Ethernet Switch 10/100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com