Electronic Components Datasheet Search |
|
M38199M7-XXXFP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor |
|
M38199M7-XXXFP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor |
11 / 60 page 11 3819 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS P62/CNTR0, P63/CNTR1 P64/SIN1 P65/SOUT1, P66/SCLK11 P67/SRDY1/ CS/SCLK12 Port P5 Pin Name Input/Output I/O Format Non-Port Function Related SFRS Diagram No. P50/SIN2/ AN8 P51/SOUT2/ AN9, P52/SCLK2/ AN10 P53/SRDY2/ AN11 P54/SIN3/ AN12 P55/SOUT3/ AN13, P56/SCLK3/ AN14 P57/SRDY3/ AN15 P60 CMOS compatible input level CMOS 3-state output Input/output, individual bits Serial I/O2 func- tion I/O A-D conversion in- put Serial I/O2 control register AD/DA control regis- ter (9) Serial I/O3 func- tion I/O A-D conversion in- put Serial I/O3 control register AD/DA control regis- ter Timer 56 mode regis- ter PWM (timer) out- put P61/PWM Timer input Interrupt edge selec- tion register Serial I/O1 func- tion I/O Serial I/O1 control register Serial I/O automatic transfer control regis- ter CMOS compatible input level CMOS 3-state output CMOS compatible input level High-breakdown- voltage P-channel open-drain output with pull-down resistor High-breakdown- voltage P-channel open-drain output with pull-down resistor CMOS compatible input level High-breakdown- voltage P-channel open-drain output P70/AN0– P77/AN7 P80/SEG8– P87/SEG15 P90/SEG16– P97/SEG23 PA0/SEG0– PA7/SEG7 PB0/XCOUT, PB1/XCIN PB2/DA PB3 CMOS compatible input level CMOS 3-state output FLD automatic display function A-D conversion in- put I/O for sub-clock generating circuit D-A conversion output AD/DA control regis- ter FLDC mode register Segment/port switch register FLDC mode register FLDC mode register Segment/port switch register CPU mode register AD/DA control regis- ter Output Input/output, individual bits Input/output, individual bits Port P6 Port P7 Port P8 Port P9 Port PA (10) (11) (9) (10) (11) (4) (8) (7) (9) (10) (11) (12) (13) (5) (13) (14) (15) (16) Note : Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction. When an input level is at an intermediate poten- tial, a current will flow from VCC to VSS through the input-stage gate. Port PB CMOS compatible input level CMOS 3-state output (4) |
Similar Part No. - M38199M7-XXXFP |
|
Similar Description - M38199M7-XXXFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |