Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3708Q Datasheet(PDF) 3 Page - Texas Instruments

Part # UC3708Q
Description  Dual Non-Inverting Power Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3708Q Datasheet(HTML) 3 Page - Texas Instruments

  UC3708Q Datasheet HTML 1Page - Texas Instruments UC3708Q Datasheet HTML 2Page - Texas Instruments UC3708Q Datasheet HTML 3Page - Texas Instruments UC3708Q Datasheet HTML 4Page - Texas Instruments UC3708Q Datasheet HTML 5Page - Texas Instruments UC3708Q Datasheet HTML 6Page - Texas Instruments UC3708Q Datasheet HTML 7Page - Texas Instruments UC3708Q Datasheet HTML 8Page - Texas Instruments UC3708Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
UC1708
UC2708
UC3708
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
From A,B Input to Output:
Rise Time Delay (TPLH)
CL = 0pF
25
40
ns
CL = 1000pF (Note 3)
25
40
ns
CL = 2200pF
30
45
ns
10% to 90% Rise (TTLH)
CL = 0pF
55
75
ns
CL = 1000pF (Note 3)
25
50
ns
CL = 2200pF
40
55
ns
Fall Time Delay (TPHL)
CL = 0pF
25
40
ns
CL = 1000pF (Note 3)
25
45
ns
CL = 2200pF
35
50
ns
90% to 10% Fall (TTHL)
CL = 0pF
15
20
ns
CL = 1000pF (Note 3)
25
45
ns
CL = 2200pF
40
55
ns
SWITCHING CHARACTERISTICS (Figure 1), (VIN = 20V, delays measured to 10% output change.)
NOTE 3: These parameters, specified at 1000pF, although ensured over recommended operating conditions, are not tested in
production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN Supply Current
OutputsLow
18
26
mA
Outputs High
14
18
mA
Enable = 0V
1
4
mA
A, B and Shutdown Inputs Low
Level
0.8
V
A, B and Shutdown Inputs High
Level
2.0
V
A, B Input Current Low
VA,B = 0.4V
-1
-0.6
mA
A, B Input Current High
VA,B = 2.4V
-200
50
µA
A, B Input Leakage Current High
VA,B = 35.3V
200
µA
Shutdown Input Current Low
VSHUTDOWN = 0.4V
20
100
µA
Shutdown Input Current High
VSHUTDOWN = 2.4V
170
500
µA
VSHUTDOWN = 6.2V
0.6
1.5
mA
Enable Input Current Low
VENABLE = 0V
-600
-460
200
µA
Enable Input Current High
VENABLE = 6.2V
200
µA
Enable Threshold Rising
2.8
3.6
V
Enable Threshold Falling
1.0
2.4
3.4
V
Output High Sat., VIN -VOUT
IOUT = -50mA
2.0
V
IOUT = -500mA
2.5
V
Output Low Sat., VOUT
IOUT = 50mA
0.5
V
IOUT = 500mA
2.5
V
Thermal Shutdown
155
°C
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, VIN=10V to 35V, and these specifications apply
for: –55
oC<TA<125oC for the UC1708, –25oC<TA<+85oC for the UC2708, and 0oC<TA<70oC for the UC3708.TA =TJ.


Similar Part No. - UC3708Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3708Q TI1-UC3708Q Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Similar Description - UC3708Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com