Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY10GP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZY10GP
Description  2 W Glass Passivated Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZY10GP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZY10GP Datasheet HTML 1Page - List of Unclassifed Manufacturers ZY10GP Datasheet HTML 2Page - List of Unclassifed Manufacturers ZY10GP Datasheet HTML 3Page - List of Unclassifed Manufacturers ZY10GP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.4
2
1.6
1.2
0.8
0.4
0
0
Characteristic Curves
90
80
60
40
20
0
0
I, lead length (mm.)
ZY-GP
I
I
150
100
50
Tamb, ambient temperature (ºC)
35
30
20
10
10mm. - 10mm.
25
75
125
175
POWER DISSIPATION
THERMAL RESISTANCE
Mar - 01


Similar Part No. - ZY10GP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
ZY10GP TAYCHIPST-ZY10GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
More results

Similar Description - ZY10GP

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N5343B DGNJDZ-1N5343B Datasheet
60Kb / 3P
   5 W Glass Passivated Zener Diode
logo
Micro Commercial Compon...
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Micro Commercial Compon...
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com