Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5060RLRA Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N5060RLRA
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5060RLRA Datasheet(HTML) 1 Page - ON Semiconductor

  2N5060RLRA Datasheet HTML 1Page - ON Semiconductor 2N5060RLRA Datasheet HTML 2Page - ON Semiconductor 2N5060RLRA Datasheet HTML 3Page - ON Semiconductor 2N5060RLRA Datasheet HTML 4Page - ON Semiconductor 2N5060RLRA Datasheet HTML 5Page - ON Semiconductor 2N5060RLRA Datasheet HTML 6Page - ON Semiconductor 2N5060RLRA Datasheet HTML 7Page - ON Semiconductor 2N5060RLRA Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 7
1
Publication Order Number:
2N5060/D
2N5060 Series
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
Annular PNPN devices designed for high volume consumer
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO−92/TO-226AA package which
is readily adaptable for use in automatic insertion equipment.
Features
Sensitive Gate Trigger Current − 200 mA Maximum
Low Reverse and Forward Blocking Current − 50 mA Maximum,
TC = 110°C
Low Holding Current − 5 mA Maximum
Passivated Surface for Reliability and Uniformity
Device Marking: Device Type, e.g., 2N5060, Date Code
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SILICON CONTROLLED
RECTIFIERS
0.8 A RMS, 30 − 200 V
Preferred devices are recommended choices for future use
and best overall value.
3
2
1
K
G
A
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
TO−92
CASE 29
STYLE 10
50xx
Specific Device Code
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
2N
50xx
YWW
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
http://onsemi.com


Similar Part No. - 2N5060RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5060RLRA ONSEMI-2N5060RLRA Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
2N5060RLRAG ONSEMI-2N5060RLRAG Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
More results

Similar Description - 2N5060RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com