Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P4M Datasheet(PDF) 3 Page - NEC

Part # 8P4M
Description  8 A THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

8P4M Datasheet(HTML) 3 Page - NEC

  8P4M Datasheet HTML 1Page - NEC 8P4M Datasheet HTML 2Page - NEC 8P4M Datasheet HTML 3Page - NEC 8P4M Datasheet HTML 4Page - NEC 8P4M Datasheet HTML 5Page - NEC 8P4M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 8P4M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8P4M ISC-8P4M Datasheet
144Kb / 1P
   Motor speed control for household appliance
More results

Similar Description - 8P4M

ManufacturerPart #DatasheetDescription
logo
NEC
8P4J NEC-8P4J Datasheet
635Kb / 6P
   8 A MOLD THYRISTOR
logo
Vishay Siliconix
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 09-Jul-15
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
08-Feb-17
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 22-Feb-18
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3_V01 Datasheet
172Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V02 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2023
VS-VSKT320PBF VISHAY-VS-VSKT320PBF_V01 Datasheet
184Kb / 7P
   Thyristor/Thyristor (MAGN-A-PAK Power Modules), 320 A
01-Jan-2022
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com