Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43CTQ080S Datasheet(PDF) 6 Page - International Rectifier

Part # 43CTQ080S
Description  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

43CTQ080S Datasheet(HTML) 6 Page - International Rectifier

  43CTQ080S Datasheet HTML 1Page - International Rectifier 43CTQ080S Datasheet HTML 2Page - International Rectifier 43CTQ080S Datasheet HTML 3Page - International Rectifier 43CTQ080S Datasheet HTML 4Page - International Rectifier 43CTQ080S Datasheet HTML 5Page - International Rectifier 43CTQ080S Datasheet HTML 6Page - International Rectifier 43CTQ080S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
43CTQ..., 43CTQ...S, 43CTQ...-1
6
PD-20542 rev. B 11/99
www.irf.com
TR R
FEE D DIR ECTION
TR L
FE E D DIRE CTIO N
10 .90 (0.429)
10 .70 (0.421)
16 .1 0 (0.6 34)
15 .9 0 (0.6 26)
1.75 (0.0 6 9 )
1.25 (0.0 4 9 )
1.85 (0 .0 7 3 )
1.65 (0 .0 6 5 )
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA .
1.60 (0.063)
1.50 (0.059)
DIA.
11 .60 (0.457)
11 .40 (0.449)
15.42 (0.6 09)
15.22 (0.6 01)
4.72 (0.1 8 6 )
4.52 (0.1 7 8 )
24 .30 (0 .957)
23 .90 (0 .941)
0.368 (0.014 5)
0.342 (0.013 5)
360 (1 4.173)
D IA. M A X.
26.40 (1.0 39)
24.40 (0.9 61)
13.50 (0.5 32)
12.80 (0.5 04) DIA.
60 (2.3 6 2 )
DIA . MIN .
SM D-220 Tape & Reel
W hen ordering, indic ate th e part
num ber, part orientation, and t he
quantity. Qu antitie s are in multiples
of 800 p iece s per reel fo r bo th
T R L and T R R .
10. 1 6 ( 0 .40)
RE F .
8. 89 ( 0 . 3 5 )
4. 57 ( 0 . 1 8 )
4. 32 (0 . 1 7 )
0. 61 (0 . 02) M A X .
5. 08 (0 . 20) R E F .
1. 32 ( 0 . 0 5 )
1. 22 (0 . 0 5 )
13
6. 47 ( 0 . 2 5 )
6. 18 ( 0 .24)
93 °
RE F .
2.61 ( 0 .10)
2.32 ( 0 .09)
5. 2 8 (0 . 2 1)
4. 7 8 (0 . 1 9)
4. 6 9 (0 . 1 8)
4.20 ( 0 .16)
0. 55 ( 0 . 0 2 )
0. 46 ( 0 . 0 2 )
14. 7 3 (0 . 5 8)
15. 4 9 (0 . 6 1)
1. 4 0 (0 . 0 55 )
1. 1 4 (0 . 0 45 )
3X
0. 93 ( 0 . 3 7 )
0. 69 ( 0 . 27)
2X
1 1 . 43 ( 0 . 4 5)
17. 7 8 ( 0 . 70)
8. 89 ( 0 . 3 5 )
3.81 (0 . 15)
2.08 (0 . 0 8 )
2X
2. 54 ( 0 . 1 0)
2X
MINIMU M RE CO M M E NDE D FOO T P R IN T
2
Dimensionsinmillimetersand(inches)
Tape & Reel Information
Outline Table
Dimensions in millimeters and (inches)
Conform to JEDEC outline D2Pak (SMD-220)
2
BASE
COMM ON
CA TH ODE
12
3
AN OD E
COMM ON
CA TH ODE
AN OD E
12


Similar Part No. - 43CTQ080S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
43CTQ080S VISHAY-43CTQ080S Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 21-Aug-08
logo
Inchange Semiconductor ...
43CTQ080S ISC-43CTQ080S Datasheet
293Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
43CTQ080SPBF VISHAY-43CTQ080SPBF Datasheet
131Kb / 6P
   Schottky Rectifier, 2 x 20 A
Revision: 29-Jul-08
43CTQ080SPBF VISHAY-43CTQ080SPBF Datasheet
171Kb / 8P
   Schottky Rectifier, 2 x 20 A
Revision: 15-Mar-10
logo
International Rectifier
43CTQ080SPBF IRF-43CTQ080SPBF Datasheet
712Kb / 7P
   SCHOTTKY RECTIFIER
More results

Similar Description - 43CTQ080S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com