Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F842 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F842
Description  Bus interface latches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F842 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F842 Datasheet HTML 2Page - NXP Semiconductors 74F842 Datasheet HTML 3Page - NXP Semiconductors 74F842 Datasheet HTML 4Page - NXP Semiconductors 74F842 Datasheet HTML 5Page - NXP Semiconductors 74F842 Datasheet HTML 6Page - NXP Semiconductors 74F842 Datasheet HTML 7Page - NXP Semiconductors 74F842 Datasheet HTML 8Page - NXP Semiconductors 74F842 Datasheet HTML 9Page - NXP Semiconductors 74F842 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
74F841/74F842
10-bit bus interface latches, non-inverting/inverting
(3-State)
2004 Jan 23
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IO =15 mA
± 10%VCC
2.2
V
VO
HIGH level output voltage
VCC = MIN;
VIL = MAX;
IOH = –15 mA
± 5%VCC
2.2
3.3
V
VOH
HIGH-level output voltage
VIL = MAX;
VIH = MIN
IO =24 mA
± 10%VCC
2.0
V
IOH = –24 mA
± 5%VCC
2.0
V
VO
LOW level output voltage
VCC = MIN;
VIL = MAX;
IOL = 32 mA
± 10%VCC
0.38
0.55
V
VOL
LOW-level output voltage
VIL = MAX;
VIH = MIN
IOL = 48 mA
± 5%VCC
0.38
0.55
V
VIK
Input clamp voltage
VCC = MIN; II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0 V; VI = 7.0 V
100
µA
IIH
HIGH-level input current
VCC = MAX; VI = 2.7 V
20
µA
IIL
LOW-level input current
VCC = MAX; VI = 0.5 V
–20
µA
IOZH
Off-state output current,
HIGH-level voltage applied
VCC = MAX; VO = 2.7 V
50
µA
IOZL
Off-state output current,
LOW-level voltage applied
VCC = MAX; VO = 0.5 V
–50
µA
IOS
Short-circuit output current3
VCC = MAX
–100
–225
mA
ICCH
50
65
mA
74F841
ICCL
VCC = MAX
60
80
mA
ICC
Supply current
ICCZ
70
92
mA
ICC
y
(total)
ICCH
40
60
mA
74F842
ICCL
VCC = MAX
65
90
mA
ICCZ
60
90
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5 V, Tamb = 25 °C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a HIGH output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests.
In any sequence of parameter test, IOS tests should be performed last.


Similar Part No. - 74F842

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
206Kb / 18P
   Bus interface latches
1999 Jun 23
More results

Similar Description - 74F842

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
   Bus interface latches
1999 Jun 23
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com