Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8282 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # 8282
Description  LNB SUPPLY AND CONTROL-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8282 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button 8282 Datasheet HTML 6Page - Allegro MicroSystems 8282 Datasheet HTML 7Page - Allegro MicroSystems 8282 Datasheet HTML 8Page - Allegro MicroSystems 8282 Datasheet HTML 9Page - Allegro MicroSystems 8282 Datasheet HTML 10Page - Allegro MicroSystems 8282 Datasheet HTML 11Page - Allegro MicroSystems 8282 Datasheet HTML 12Page - Allegro MicroSystems 8282 Datasheet HTML 13Page - Allegro MicroSystems 8282 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
8281 AND 8282
LNB SUPPLY AND
CONTROL-VOLTAGE REGULATORS
11
www.allegromicro.com
A8281SLB
A8282SLB
Terminal
Terminal
Terminal
Name
Number
Number
Terminal Description
NC
1
No (internal) connection
OLF
2
2
Overload flag output: low (fault) when ILNB > ILNBM or
TJ > 165°C, high when ILNB < ILNBM and TJ < 130°C
VBULK
3
3
Tracking supply voltage to linear regulator
NC
4, 5
No (internal) connection
GND
4
6, 7
Ground and substrate
SENSE
5
8
Current limit setup resistor
LNB
6
9
Output voltage to LNB
LX
7
10
Inductor drive point
VIN
8
11
Supply input voltage (minimum, VLNB + 2.5-V)
TCAP
9
12
Capacitor for setting the rise and fall time of the outputs for
line-length compensation
LLC
13
Logic input: output voltage select
VSEL1
10
14
Logic input: output voltage select
VSEL0
15
Logic input: output voltage select
EN
11
16
Logic input: when high, enables device
ENT
12
17
Logic input: when high, enables internal 22
-kHz modulation
GND
13
18, 19
Ground and substrate
CPUMP
14
20
High side of charge-pump capacitor
VPUMP
15
21
Gate-supply voltage for high-side drivers
PUMPX
16
22
Charge-pump drive
VINT
23
Bypass capacitor for internal voltage reference
EXTM
1
24
External modulation input
Terminal List


Similar Part No. - 8282

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8282 INTEL-8282 Datasheet
207Kb / 4P
   OCTAL LATCH
More results

Similar Description - 8282

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8302 ALLEGRO-A8302 Datasheet
1Mb / 45P
   Dual LNB Supply and Control Voltage Regulators
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com