Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5273 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5273
Description  64-Position OTP Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5273 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5273 Datasheet HTML 2Page - Analog Devices AD5273 Datasheet HTML 3Page - Analog Devices AD5273 Datasheet HTML 4Page - Analog Devices AD5273 Datasheet HTML 5Page - Analog Devices AD5273 Datasheet HTML 6Page - Analog Devices AD5273 Datasheet HTML 7Page - Analog Devices AD5273 Datasheet HTML 8Page - Analog Devices AD5273 Datasheet HTML 9Page - Analog Devices AD5273 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
–6–
AD5273–Typical Performance Characteristics
VDD = 5V
VDD = 3V
CODE – Decimal
0.5
0.3
–0.5
064
8
16
24
32
40
48
56
0.1
–0.1
–0.3
RAB = 10k
TA = 25 C
TPC 1. RINL vs. Code vs. Supply Voltages
VDD = 3V
VDD = 5V
CODE – Decimal
0.25
0.15
–0.25
064
8
16
24
32
40
48
56
0.05
–0.05
–0.15
RAB = 10k
TA = 25 C
TPC 2. RDNL vs. Code vs. Supply Voltages
TA = +85 C
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = –40 C
TA = +125 C
TA = +25 C
TPC 3. INL vs. Code vs. Temperature
TA = +85 C
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = –40 C
TA = +125 C
TA = +25 C
TPC 4. DNL vs. Code vs. Temperature
CODE – Decimal
0.10
0.06
–0.10
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = 25 C
3V
5V
TPC 5. INL vs. Code vs. Supply Voltages
CODE – Decimal
0.10
0.06
064
8
16
24
32
40
48
56
0.02
–0.02
–0.06
RAB = 10k
TA = 25 C
3V
5V
–0.10
TPC 6. DNL vs. Code vs. Supply Voltages
REV. 0


Similar Part No. - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
AD5270BCPZ-100-RL7 AD-AD5270BCPZ-100-RL7 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BCPZ-20-RL7 AD-AD5270BCPZ-20-RL7 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5270BRMZ-100 AD-AD5270BRMZ-100 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
More results

Similar Description - AD5273

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203 AD-AD5203 Datasheet
259Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com