Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8221-EVAL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8221-EVAL
Description  Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221-EVAL Datasheet(HTML) 5 Page - Analog Devices

  AD8221-EVAL Datasheet HTML 1Page - Analog Devices AD8221-EVAL Datasheet HTML 2Page - Analog Devices AD8221-EVAL Datasheet HTML 3Page - Analog Devices AD8221-EVAL Datasheet HTML 4Page - Analog Devices AD8221-EVAL Datasheet HTML 5Page - Analog Devices AD8221-EVAL Datasheet HTML 6Page - Analog Devices AD8221-EVAL Datasheet HTML 7Page - Analog Devices AD8221-EVAL Datasheet HTML 8Page - Analog Devices AD8221-EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8221
Rev. A | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2. AD8221 Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
200 mW
Output Short Circuit Current
Indefinite
Input Voltage (Common-Mode)
±VS
Differential Input Voltage
±Vs
Storage Temperature
–65°C to +150°C
Operational* Temperature Range
–40°C to +125°C
*Temperature range for specified performance is –40°C to +85°C. See Typical
Performance Curves for expected operation from +85°C to +125°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
Specification is for device in free air:
SOIC
θJA (4 Layer JEDEC Board) = 121°C/W.
MSOP θJA (4 Layer JEDEC Board) = 135°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumu-
late on the human body and test equipment and can discharge without detection. Although this
product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.


Similar Part No. - AD8221-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221-EVAL AD-AD8221-EVAL Datasheet
708Kb / 24P
   Precision Instrumentation Amplifier
REV. B
More results

Similar Description - AD8221-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com