Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL440B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL440B
Description  4Mbits (512k x 8-bit) FIFO memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL440B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL440B Datasheet HTML 1Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 2Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 3Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 4Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 5Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 6Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 7Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 8Page - List of Unclassifed Manufacturers AL440B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
AL440B
AL440B
November 28, 2001
4
1.0 Description
The AL440B 4Mbits (512k x 8-bit) FIFO memory provides completely independent 8bit input and
output ports that can operate at a maximum speed of 80 MHz. The built-in address and pointer
control circuits provide a very easy-to-use memory interface that greatly reduces design time and
effort. Manufactured using state-of-the-art embedded high density memory cell array, the AL440B
uses high performance process technologies with extended controller functions (write mask, read
skip.. etc.), allowing easy operation of non-linearity and regional read/write FIFO for PIP, Digital
TV, security system and video camera applications.
The status flags can be used to indicate
Fullness/Emptiness of the FIFO and also allow multiple cascading AL440Bs to expand the storage
depth or provide a longer delay, which cannot be achieved with only a single device. Expanding
AL440B data bus width is also possible by using multiple AL440B chips in parallel. To get better
design flexibility, the polarities of the AL440B control signals are selectable. The read and write
control signals, such as Read/Write Enable, Input/Output Enable.., can be either active low or high
by pulling /PLRTY signal to high or low respectively. In AL440B, Window data write/read and
data mirroring functions can offer better control assistance in the application design. The built-in
registers set can be easily programmed via serial bus (I2C like control bus) to perform various
useful functions such as multi-freeze, P-in-P in the digital TV, VCR, and video camera application.
Available as a 44-pin TSOP (II), the small footprint allows product designers to keep real estate to a
minimum.
2.0 Features
• 4Mbits (512k x 8 bits) organization FIFO
• Independent 8bit read/write port operations
(different read/write data rates acceptable)
• Maximum Read/write cycle time: 80Mhz
and 40Mhz (2 speed grades)
• Input Enable (write mask) / Output Enable
(data skipping) control
• Window read/write with Mirroring capable
• Selectable control signal polarity
• Input Ready / Output Ready flags
• Direct cascade connection
• Self refresh
• 3.3V ± 10% power supply
• Standard 44-pin TSOP (II) package
3.0 Applications
• Multimedia systems
• Video capture or editing systems for
NTSC/PAL or SVGA resolution
• Security systems
• Scan rate converters
• PIP (Picture-In-Picture) video display
• TBC (Time Base Correction)
• Frame synchronizer
• Digital video camera
• Hard disk cache memory
• Buffer for communication systems
*
* 8
80
0M
MH
Hz
z H
Hiig
gh
h--S
Sp
pe
ee
ed
d v
ve
errssiio
on
n
• DTV/HDTV video stream buffer
4.0 Ordering Information
The AL440B has two speed grades, AL440B-24 and AL440B-12, which can operate at frequencies
of 40MHz and 80MHz respectively. Both speed grades are powered by 3.3V and are available in a
44-pin standard TSOP-II package.


Similar Part No. - AL440B

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL440B AVERLOGIC-AL440B Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
AL440B-12 AVERLOGIC-AL440B-12 Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
AL440B-24 AVERLOGIC-AL440B-24 Datasheet
38Kb / 2P
   4M-Bit High Speed FIFO Field Memory
More results

Similar Description - AL440B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
   32 WORDS X 8 BIT FIFO MEMORY
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
logo
Mitsubishi Electric Sem...
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
   5120 x 8-BIT x 2 LINE MEMORY (FIFO)
logo
Samsung semiconductor
K9F4008W0A- SAMSUNG-K9F4008W0A- Datasheet
318Kb / 24P
   512K x 8 bit NAND Flash Memory
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
logo
Mitsubishi Electric Sem...
M66250P MITSUBISHI-M66250P Datasheet
649Kb / 21P
   5120 X 8-BIT LINE MEMORY(FIFO/LIFO)
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com