Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2417 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2417
Description  Silicon Complementary Transistors High Current General Purpose Amp/Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2417 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2417 Datasheet HTML 1Page - NTE Electronics NTE2417 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Capacitance
NTE2416
Cob
VCB = 10V, f = 1MHz
3.5
pF
NTE2417
5.3
pF
Input OFF Voltage
VI(off)
VCE = 5V, IC = 100µA
0.8
1.1
1.5
V
Input ON Voltage
VI(on)
VCE = 0.2V, IC = 10mA
1.0
1.9
3.0
V
Input Resistance
R1
15
22
29
k
Input Resistance Ratio
R1/R2
0.9
1.0
1.1
Output
Input
GND
Output
Input
GND
NPN
PNP
.098
(2.5)
Max
.074 (1.9)
.118 (3.0) Max
.051
(1.3)
.043 (1.1)
.007 (0.2)
.016 (0.48)
.037 (0.95)
B
C
E


Similar Part No. - NTE2417

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE241 NTE-NTE241 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE2410 NTE-NTE2410 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Driver (Comp to NTE2411)
NTE2411 NTE-NTE2411 Datasheet
22Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
NTE2412 NTE-NTE2412 Datasheet
19Kb / 2P
   Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
NTE2413 NTE-NTE2413 Datasheet
20Kb / 2P
   Silicon PNP Transistor General Purpose, High Voltage Amp, (Compl to NTE2412)
More results

Similar Description - NTE2417

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2363 NTE-NTE2363 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current General Purpose Amp/Switch
NTE129P NTE-NTE129P Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE128P NTE-NTE128P Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE2648 NTE-NTE2648 Datasheet
60Kb / 2P
   Silicon Complementary Transistors General Purpose Amp
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
   Silicon Complementary Transistors High Current, General Purpose
NTE2428 NTE-NTE2428 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Switch
NTE49 NTE-NTE49 Datasheet
27Kb / 2P
   Silicon Complementary Transistors General Purpose, High Voltage Amp, Driver
NTE24 NTE-NTE24 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE182 NTE-NTE182 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com