Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA7063 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA7063
Description  Stereo 1.5W Audio Power Amplifier with DC Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA7063 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA7063 Datasheet HTML 1Page - Anpec Electronics Coropration APA7063 Datasheet HTML 2Page - Anpec Electronics Coropration APA7063 Datasheet HTML 3Page - Anpec Electronics Coropration APA7063 Datasheet HTML 4Page - Anpec Electronics Coropration APA7063 Datasheet HTML 5Page - Anpec Electronics Coropration APA7063 Datasheet HTML 6Page - Anpec Electronics Coropration APA7063 Datasheet HTML 7Page - Anpec Electronics Coropration APA7063 Datasheet HTML 8Page - Anpec Electronics Coropration APA7063 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Mar., 2003
APA7063
www.anpec.com.tw
5
Typical Application Circuit
Shutdown
+OUT1
VCC
VCC
DC_Vol
-OUT1
Vo1
Vbypass
Vi1
SE/BTL
Vi2
-OUT2
Vo2
VCC
GND
+OUT2
R-in
L-in
R-ch
Headphone jack
L-ch
#8
#8
1µµµµF
1µµµµF
20kΩ
20kΩ
20kΩ
20kΩ
100kΩ
100kΩ
1kΩ
1kΩ
220µµµµF
220µµµµF
APA7063
R_var
1
µF
r*=R_var/50
* Add a resistor to avoid volume control gain error at power on status. For the R_var with 10K
Ω variable resistor, the recommended
value of r is in range of 100~200
Ω.


Similar Part No. - APA7063

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA750 ACTEL-APA750 Datasheet
1Mb / 174P
   Ultra-Fast Local and Long-Line Network
APA750 ACTEL-APA750 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA750 MICROSEMI-APA750 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA750 MICROSEMI-APA750 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA7063

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com