Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM6928O-TR Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM6928O-TR
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM6928O-TR Datasheet(HTML) 6 Page - Anpec Electronics Coropration

  APM6928O-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM6928O-TR Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Jan., 2002
www.anpec.com.tw
6
APM6928
Packaging Information
1
D
E1
A2
A1
A
L
e2
e 3
e 1
E
E3
1
PDIP-8 pin ( Reference JEDEC Registration MS-001)
Millimeters
Inches
Dim
Min.
Max.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.68
0.115
0.145
D
9.02
10.16
0.355
0.400
e1
2.54BSC
0.100BSC
e2
0.36
0.56
0.014
0.022
e3
1.14
1.78
0.045
0.070
E
7.62 BSC
0.300 BSC
E1
6.10
7.11
0.240
0.280
E3
10.92
0.430
L
2.92
3.81
0.115
0.150
φ 115°
15
°


Similar Part No. - APM6928O-TR

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
APM6055NU DOINGTER-APM6055NU Datasheet
675Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - APM6928O-TR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com